Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 2 Page - Analog Devices

  ADF7011 Datasheet HTML 1Page - Analog Devices ADF7011 Datasheet HTML 2Page - Analog Devices ADF7011 Datasheet HTML 3Page - Analog Devices ADF7011 Datasheet HTML 4Page - Analog Devices ADF7011 Datasheet HTML 5Page - Analog Devices ADF7011 Datasheet HTML 6Page - Analog Devices ADF7011 Datasheet HTML 7Page - Analog Devices ADF7011 Datasheet HTML 8Page - Analog Devices ADF7011 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
ADF7011–SPECIFICATIONS1
(VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted.
Typical specifications are at VDD = 3 V, TA = 25 C, FPFD = 4 MHz @ 433 MHz,
FPFD = 22.1184/5.)
Parameter
Min
Typ
Max
Unit
RF CHARACTERISTICS
Output Frequency Ranges
Lower SRD Band
433
435
MHz
Upper SRD Band
868
870
MHz
Phase Frequency Detector Frequency
3.4
20
MHz
TRANSMISSION PARAMETERS
Transmit Rate
2
FSK
0.3
76.8
kbits/s
ASK
0.3
9.6
kbits/s
GFSK
0.3
76.8
kbits/s
Frequency Shift Keying
FSK Separation
3
1
110
kHz using 3.625 MHz PFD
4.88
620
kHz using 20 MHz PFD
Gaussian Filter t
0.5
Amplitude Shift Keying Depth
28
dB
On/Off Keying
40
dB
Output Power (No Filtering)
4
868 MHz
3
dBm
433 MHz
10
dBm
Output Power Variation
Max Power Setting
9
12
dBm VDD = 3.6 V
Max Power Setting
11
dBm VDD = 3.0 V
Max Power Setting
9.5
dBm VDD = 2.3 V
Programmable Step Size
–16 dBm to +12 dBm
0.3125
dB
LOGIC INPUTS
VINH, Input High Voltage
0.7
VDD
V
VINL, Input Low Voltage
0.2
VDD
V
IINH/IINL, Input Current
1
µA
CIN, Input Capacitance
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
V, IOH = 500
µA
VOL, Output Low Voltage
0.4
V, IOL = 500
µA
CLKOUT Rise/Fall Time
16
ns FCLK = 4.8 MHz into 10 pF
CLKOUT Mark: Space Ratio
50:50
POWER SUPPLIES
Voltage Supply
DVDD
2.3
3.6
V
Transmit Current Consumption
433 MHz
0 dBm (1 mW)
17
mA
10 dBm (10 mW)
29
mA
868 MHz
0 dBm (1 mW)
19
mA
3 dBm (2 mW)
20.5
mA
10 dBm (10 mW)
34
mA
Crystal Oscillator Block Current
Consumption
190
µA
Regulator Current Consumption
280
µA
Power-Down Mode
Low Power Sleep Mode
0.2
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com