Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 3 Page - Broadcom Corporation.

  AL2100-DS00-R Datasheet HTML 1Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 2Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 3Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Table of Contents
Page i
TABLE OF CONTENTS
Section 1: Overview............................................................................................................. 1
Section 2: Pin Descriptions ................................................................................................ 2
Section 3: Functional Description...................................................................................... 5
100Base-TX to 100Base-FX Conversion .................................................................................................... 5
100Base-FX to 100Base-TX Conversion .................................................................................................... 5
Full Duplex Application ............................................................................................................................... 5
Elastic Store ................................................................................................................................................. 5
Fault Propagation......................................................................................................................................... 6
Fiber-to-Fiber .......................................................................................................................................... 6
Fiber-to-Twisted Pair............................................................................................................................... 6
Twisted Pair-to-Fiber............................................................................................................................... 6
Redundant Function................................................................................................................................ 7
Redundant Link ....................................................................................................................................... 8
Receive Link Fault .................................................................................................................................. 8
Transmits Link Fault................................................................................................................................ 8
LED Indicators ........................................................................................................................................ 9
LED Configuration ..................................................................................................................................... 10
Serial Management Interface .................................................................................................................... 10
PHY Addresses..................................................................................................................................... 10
Clock Source......................................................................................................................................... 10
Power Source ....................................................................................................................................... 11
100Base-Twisted Pair PHY ........................................................................................................................ 11
General Description .............................................................................................................................. 11
Encoder/Decoder .................................................................................................................................. 11
Link Monitor .......................................................................................................................................... 11
Auto-Negotiation/Auto-Negotiation Selection........................................................................................ 11
Analog Adaptive Equalizer.................................................................................................................... 12
Clock Recovery ..................................................................................................................................... 12
Baseline Wander Correction ................................................................................................................. 13
Multi mode Transmitter ......................................................................................................................... 13
Stream Cipher Scrambler/Descrambler ................................................................................................ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com