Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100Base-Twisted Pair PHY
Page 11
POWER SOURCE
A single 2.5 V is supplied for all digital and analog operations.
100BASE-TWISTED PAIR PHY
GENERAL DESCRIPTION
The twisted pair PHY performs all of the physical layer interface functions for 100Base-TX full or half-duplex on CAT5 twisted
pair cable. The 100Base-TX PHY performs encoder/decoder, link monitor, auto-negotiation selection, adaptive equalization,
clock/data recovery, baseline wander correction, multimode transmitter, scrambler/descrambler, far-end fault (FEF), and
auto-MDI/MDIX. It is fully compliant with the IEEE 802.3 and 803.3u standards.
ENCODER/DECODER
In 100Base-TX mode, the AL2100 transmits and receives data streams on twisted pair. When the MII transmit enable is
asserted, nibble wide (4-bit) data from the transmit data pins is encoded into 5-bit code groups, and inserted into the transmit
data stream. The 4B5B encoding is shown in the 4B/5B CODE-GROUP table. The transmit packet is encapsulated by
replacing the first two nibbles of preamble with a start-of-stream delimiter (J/K codes), and appending an end-of-stream
delimiter (T/R codes) to the end of packet. When the MII transmit error input is asserted during a packet, the error code group
(H) is sent in place of the corresponding data code group. The transmitter repeatedly sends the idle code group between
packets.
In 100Base-TX mode, the encode data stream is scrambled by a stream cipher block, and serialized and encoded into the
MLT3 signal level. A multimode transmit DAC (digital to analog converter) is used to drive the MLT3 data onto twisted pair
cable. Following are baseline wander correction, adaptive equalization, and clock/data recovery in 100Base-TX mode. The
receive data stream is converted from MLT3 to serial NRZ data. The NRZ data is descrambled by the stream cipher block,
and deserialized and aligned into 5-bit code groups.
LINK MONITOR
In 100Base-TX mode, receive signal energy is detected by monitoring the receive pair for transitions in the signal level. The
signal levels are qualified using squelch detect circuits. When no signal, or a certain valid signal, is detected on the receive
pair for a minimum period of time, the link monitor enters the link-pass state, and the transmit and receive functions are
enabled.
AUTO-NEGOTIATION/AUTO-NEGOTIATION SELECTION
Auto-negotiation selection is on the 100Base-T twisted-pair PHY only; it is not operating in 100Base-Fiber PHY.
In 100Base-TX mode, auto-negotiation can be enabled or disabled by hardware or software control. When the auto-
negotiation function is enabled, the 100Base-TX PHY automatically chooses its mode of operation by advertising its abilities,
and comparing them with those received from its link partner. The 100Base-TX PHY can be configured to advertise as
100Base-TX full-duplex or 100BaseTX half-duplex.
The default auto-negotiation mode is configured via a reset read value of LED3/ANEN, LED2/DUPLEX. The SPD100 signal
is always defaulted to 1. When the SPD100 is set to 0, it is undefined, and the result is unexpected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com