Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Common Registers
Page 29
LED1 SETTING2 REGISTER 8
LED2 SETTING1 REGISTER 9
The default operation for LED2 is BLINK on RxAct_FX.
LED2 SETTING2 REGISTER 10
A2.29.11:9
Reserved
Reserved
R
000
A2.29.8
Force LED Off
Force LED1 Off
RW
0
A2.29.7:0
Msk Blink
Blink mask. When the bits are set to one, corresponding
events cause the LED to blink.
RW
00000000
Table 35: Common Register 8: LED1 Setting2 (Map to TP_Phy, Reg. 30, Page 2 a28 [15:12] = 0010) Bit Description
Bit
Name
Description
Mode
Default
A2.30.15:8
Msk On
On mask. When the bits are set to 1, corresponding events cause the
LED to turn on.
RW
00100000
A2.30.7:0
Msk Off
Off mask. When the bits are set to 1, corresponding events cause the
LED to turn off.
RW
0000
Table 36: Common Register 9: LED2 Setting1 (Map to TP_Phy, Reg. 31, Page 2 a28 [15:12] = 0010) Bit Description
Bit
Name
Description
Mode
Default
A2.31.15:13
Reserved
Reserved
R
000
A2.31.12
Force LED On
Force LED2 On.
RW
0
A2.31.11:9
Reserved
Reserved
R
000
A2.31.8
Force LED Off
Force LED2 Off.
RW
0
A2.31.7:0
Msk Blink
Blink mask. When the bits are set to 1, corresponding
events cause the LED to blink
RW
10000000
Table 37: Common Register 10: LED2 Setting2 (Map to TP_Phy, Reg. 29, Page 3 a28 [15:12] = 0011) Bit Description
Bit
Name
Description
Mode
Default
A3.29.15:8
Msk On
On mask. When the bits are set to 1, corresponding
events cause the LED to turn on.
RW
00000000
A3.29.7:0
Msk Off
Off mask. When the bits are set to 1, corresponding
events cause the LED to turn off.
RW
00000000
Table 34: Common Register 7: LED1 Setting1 (Map to TP_Phy, Reg. 29, Page 2 a28 [15:12] = 0010) Bit Description
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com