Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Page 1
Sectio n 1: Over view
The AL2100 (Figure 2) contains a physical layer interface (PHY) for 100BASE-TX and a PHY for 100BASE-FX networks.
The PHY contains all the necessary functions such as elastic store, quantizer, and driver circuits to complete a media
converter design. The device converts the MLT3 scrambled symbols from the twisted-pair (TP) input port into 4B5B NRZI
encoded data, and transmits it over fiber media. The 4B5B NRZI encoded data from the fiber-input port is converted to a
scrambled MLT3 symbol stream for TP transmission.
The device also supports far-end fault detection (fiber-only) and link status propagation. If any port is in a link-fail state, the
device ceases to transmit data, and disables the appropriate output port. The device is transparent in regard to the
connecting links. The media converter uses an elastic store to retime the received signal.
The AL2100 supports redundant link applications. A redundant link can be formed by either a switch with a 100BASE-FX
transceiver that supports far-end fault signaling or two AL2100s. In the event of a link failure, the redundant link is established
automatically.
Figure 2: AL2100 Pin Out
30
31
32
33
34
35
36
25
26
27
28
29
AL2100
1
2
3
4
5
6
7
8
9
10
11
12
TXP
TXN
GND
RBIAD
GND
SD_A/FXEN_A
RXP
RXN
VCC
VCCPLL
GND
VCC
13
14
15
16
17
18
19
20
21
22
23
24
37
38
39
40
41
42
43
44
45
46
47
48
FIP
FIN
GND
ISO
VCC
GND
VCC
SD_BF/XEN_B
FOP
FON
FEF_DIS
FX2TP_DIS
48TQFP_7x7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com