Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page vi
List of Tables
Document
AL2100-DS01-405-R
Table 32: Common Register 5: LED0 Setting1 (Map to TP_Phy, Reg 30, Page 1 a28[15:12] = 0001) Bit
Description ........................................................................................................................................ 28
Table 33: Common Register 6: LED0 Setting2 (Map to TP_Phy, Reg. 31, Page 1 a28 [15:12] = 0001) Bit
Description ........................................................................................................................................ 28
Table 34: Common Register 7: LED1 Setting1 (Map to TP_Phy, Reg. 29, Page 2 a28 [15:12] = 0010) Bit
Description ........................................................................................................................................ 28
Table 35: Common Register 8: LED1 Setting2 (Map to TP_Phy, Reg. 30, Page 2 a28 [15:12] = 0010) Bit
Description ........................................................................................................................................ 29
Table 36: Common Register 9: LED2 Setting1 (Map to TP_Phy, Reg. 31, Page 2 a28 [15:12] = 0010) Bit
Description ........................................................................................................................................ 29
Table 37: Common Register 10: LED2 Setting2 (Map to TP_Phy, Reg. 29, Page 3 a28 [15:12] = 0011) Bit
Description ........................................................................................................................................ 29
Table 38: Common Register 11: LED3 Setting1 (Map to TP_Phy, Reg. 30, Page 3 a28 [15:12] = 0011) Bit
Description ........................................................................................................................................ 30
Table 39: Common Register 12: LED3 Setting2 (Map TP_Phy, Reg. 31, Page 3 a28 [15:12] = 0011) Bit
Description ........................................................................................................................................ 30
Table 40: Common Register 13: LED4 Setting1 (Map to TP_Phy, Reg 29, Page 4 a28 [15:12] = 0100) Bit
Description ........................................................................................................................................ 30
Table 41: Common Register 14: LED4 Setting2 (Map TP_Phy, Reg 30, Page 4 a28[15:12] = 0100) Bit
Description ........................................................................................................................................ 30
Table 42: 4B/5B Code-Group Table ................................................................................................................. 31
Table 43: SMI Read/Write Sequence ............................................................................................................... 32
Table 44: Absolute Maximum Ratings .............................................................................................................. 33
Table 45: Recommended Operating Conditions ...............................................................................................33
Table 46: Electrical Characteristics...................................................................................................................33
Table 47: Clock Timing .....................................................................................................................................35
Table 48: Reset Timing .....................................................................................................................................35
Table 49: Management Interface Timing .......................................................................................................... 36
Table 50: Thermal Characteristics .................................................................................................................... 41
Table 51: Maximum Junction Temperature ......................................................................................................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com