Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 6
Fault Propagation
Document
AL2100-DS01-405-R
FAULT PROPAGATION
Three types of fault propagation are provided using the following logic:
TP_RCVR_ACTIVE = Wait_For_Link || TP_Link_Up;
TP_OUTPUT_EN = (FX_LINK_UP || FX2TP_DIS) && DATA_ENABLE;
FX_OUTPUT_EN = TP_RCVR_ACTIVE || TP2FX_DIS;
FIBER-TO-FIBER
This is the same as the remote fault function. When remote fault is disabled, the AL2100 disables the FX transmission if the
received SD fails.
FIBER-TO-TWISTED PAIR
This operation can be controlled via the FX2TP_DIS signal. This signal is only defined in AL2100 normal operation mode,
not in RMII testing mode. This is a reset read signal.
When this type of fault propagation is enabled, the failure of the FX link shuts down the twisted pair output.
TWISTED PAIR-TO-FIBER
This operation is controlled via the TP2FX_DIS signal. This signal is only defined in AL2100 normal operation mode. This is
a reset read signal. When this type of fault propagation is enabled, the absence of receiving energy shuts down the fiber
transmission to inform the fiber link partner about the link failure.
The AL2100 propagates idle signals from media-to-media. After reception of the idle signal (all ones), the device transmits
an idle signal to the opposite ports, i.e. TP-to-fiber or fiber-to-TP. There are two types of link failure—receive or remote
fault— also known as far-end fault.
TP Receive Link Failure
In the event of a TP-receive-link failure, the AL2100 ceases to transmit an idle signal to the fiber-optic driver. A valid TP link
signal can be either a 10BASE-T link pulse or a 100BASE-TX idle signal.
Fiber Receive Link Failure
In the event of a fiber-receive-link failure, the AL2100 ceases to transmit an idle signal to the TP driver, and puts the driver
into high-impedance mode. The device also sends a remote fault signal to the fiber-optic driver in addition to de-asserting
the DATA_OFF signal.
TP Transmit Link Failure
In the event of a TP transmit link failure, the TP far-end transceiver ceases to transmit an idle signal, and starts transmitting
FLP to the AL2100. Because the AL2100 does not understand FLP, it continues to transmit an idle signal to the fiber-optic
driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com