Electronic Components Datasheet Search
  English  ▼

X  

AL2100-DS00-R Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # AL2100-DS00-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS00-R Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button AL2100-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS00-R Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AL2100
Preliminary Data Sheet
11/11/02
Broa d c om Co rp o r a ti o n
Page 2
Document
AL2100-DS01-405-R
Section 2: Pin Des c r i ptions
Signal Types:
P = Power pin
G = Ground pin
AI = Analog Input pin
AO = Analog Output pin
D = Digital Pull-Down pin
U = Digital Pull-Up pin
OVERLINE = Active Low
B = Bi-directional digital pin
Table 1: Pin Descriptions
Name
Number
Type
Description
VCC
1
P
2.5V supply.
FIP
2
AI
FX PECL input +
FIN
3
AI
FX PECL input -
SD_B/FXEN_B
4
AI
SD_B/FXEN_B: multilevel threshold input. When the input level is 0V, the
FX module is disabled. When the input is > 1V, the FX module is enabled,
and this pin is used as the SD input with the PECL threshold.
FOP
5
AO
FX PECL output +
FON
6
AO
FX PECL output -
GNDFX
7
G
Ground.
GND
7
G
Ground.
ISO
8
BD
ISO (reset-read Input): pull high to isolate the TP PHY.
GND
9
G
Digital Ground.
VCC
10
P
2.5V supply.
FEF_DIS/Reserved
11
BD
FEF_DIS (reset-read input): pull high to disable the remote fault function
in the fiber PHY, i.e. fiber-to-fiber fault propagation disable.
Output function is reserved.
FX2TP_DIS/Reserved
12
BD
FX2TP_DIS (reset read Input): pull high to disable fiber-to-twisted-pair
fault propagation.
Output function is reserved.
REDUN/Reserved
13
BD
REDUN: redundancy function input. Input low to activate the chip; input
high to put the chip in backup mode.
For the primary chip, this pin is pulled low. For the secondary chip, this
pin is connected to the DATA_OFF pin of the primary chip.
Output function is reserved.
Reserved/DATA_OFF
14
BD
Input function is reserved.
DATA_OFF: (output) high to put the secondary chip in backup mode.
For the primary chip, this pin is connected to the REDUN of the secondary
chip.
TP2FX_DIS/Reserved
15
BD
TP2FX_DIS (reset read Input): pull high to disable twisted pair-to-fiber
fault propagation.
Output function is reserved.
Reserved
16
BD
Input function is reserved. This pin is always pulled low.
GND
17
G
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com