Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2013 Datasheet(PDF) 17 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 17 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 13Page - International Rectifier IRMCS2013 Datasheet HTML 14Page - International Rectifier IRMCS2013 Datasheet HTML 15Page - International Rectifier IRMCS2013 Datasheet HTML 16Page - International Rectifier IRMCS2013 Datasheet HTML 17Page - International Rectifier IRMCS2013 Datasheet HTML 18Page - International Rectifier IRMCS2013 Datasheet HTML 19Page - International Rectifier IRMCS2013 Datasheet HTML 20Page - International Rectifier IRMCS2013 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
16
7. Motion Control Engine
7.1 Motion Control Engine (MCE) Based Complete Servo Control
Figure 12 shows the detailed algorithm block diagram including various parameters which can be configured
through the host register interface.
Closed loop current and velocity control are implemented in the IRMCK201 IC on the IRMCS2013 board. The
closed loop current control algorithm is based on a synchronously rotating frame. The velocity control is available
as an outer loop control of the current control and can be disabled in order to configure torque control mode.
Additional configuration allows feedforward control, selection of the position feedback devices, induction machine
vector control, and selection of communication protocol.
PI
PI
θ
j
e
θ
j
e
Quadrature
Decoding
2/3
dt
+ +
Dead
time
Space
Vector PWM
IR2175
interface
IR2175
interface
CLK
BRAKE
FAULT
+
-
-
+
A/D
interface
DC bus dynamic
brake control
I1 x I2
I3
I3
I1
I2
I1 x I2
I3
I3
I1
I2
O
O
I1 x I2
I3
I3
I1
I2
O
0
+
+
PI
6
RAMP
+
-
3
2
DATA
CNVST
MUX
2
Optional
CurrentSense
Gate
Signals
3
Encoder
A/B/Z
Encoder
Hall A/B/C
Motor
Phase
Current V
Motor
Phase
Current W
Current
Offset W
Current
Offset V
ID scale
IQ scale
4096
4096
VDLIM+
VDLIM-
CURKP
CURKI
VQLIM-
VQLIM+
IDREF
INT_REF
Velocity
Control
Enable
Reference
Select
Feedforward
path enable
Slip gain
enable
EncType
Accel Rate
Decel
Rate
4096
Slip gain
IQLIM+
IQLIM-
SPDKP
SPDKI
8 channel
Serial
A/D
Interface
EXT_REF
DCV_FDBK
RS232C/
RS422
Interface
SPI
Slave
Interface
START
STOP
DIR
FLTCLR
SYNC
FAULT
PWM ACTIVE
RCV
SND
RTS
CTS
SCK
SDO
SDI
CS
17
Data
Address
Control
Host Register
Interface
Sequence
Control
IQ
ID
IQREF
VD
VQ
VQS
VDS
IV
IW
Parallel
Interface
Configuration
Registers
Monitoring
Registers
MaxEncCount
InitZval
AngleScale
InitZ
Zpol
SpdScale
PWMmode
PWMen
2Pen
GSenseU
GSenseL
ModScl
Dtime
Closed Loop Current Control
Update Rate = PWM carrier frequency x1 or x 2
Closed Loop Velocity Control, Sequencing Control
Update Rate = PWM carrier frequency / 2
Communication Modules
Optional
CurrentSense
I2C
EEPROM
Interface
2
Serial
EEPROM
Figure 12. IRMCK201 Based Complete Servo Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com