Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2013 Datasheet(PDF) 23 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 23 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 18Page - International Rectifier IRMCS2013 Datasheet HTML 19Page - International Rectifier IRMCS2013 Datasheet HTML 20Page - International Rectifier IRMCS2013 Datasheet HTML 21Page - International Rectifier IRMCS2013 Datasheet HTML 22Page - International Rectifier IRMCS2013 Datasheet HTML 23Page - International Rectifier IRMCS2013 Datasheet HTML 24Page - International Rectifier IRMCS2013 Datasheet HTML 25Page - International Rectifier IRMCS2013 Datasheet HTML 26Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
22
Figure 18. Host Parallel Write Cycle Timing
SYMBOL
DESCRIPTION
MIN
UNITS
NOTE
tHPCSN
HP_nCS Period
70
ns
tHPWENS
HP_nWE Setup
10
ns
tHPWEN
HP_nWE Period
70
ns
tHPAS
HP_A Setup
-10
ns
tHPA
HP_A Period
70
ns
tHPD[7:0]
HP_D [7:0] Setup
-10
ns
tHPOENS
HP_nOE Setup
10
ns
tHPOEN
HP_nOE Period
70
ns
Note 4
Table 5. Host Parallel Write Cycle Timing
Note 4: HP_nOE must be asserted high while HP_nCS low during a Host Parallel Write Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com