Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2013 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 6Page - International Rectifier IRMCS2013 Datasheet HTML 7Page - International Rectifier IRMCS2013 Datasheet HTML 8Page - International Rectifier IRMCS2013 Datasheet HTML 9Page - International Rectifier IRMCS2013 Datasheet HTML 10Page - International Rectifier IRMCS2013 Datasheet HTML 11Page - International Rectifier IRMCS2013 Datasheet HTML 12Page - International Rectifier IRMCS2013 Datasheet HTML 13Page - International Rectifier IRMCS2013 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
9
4.2 Input Power Wiring
Connect DC 48V power to J2 (2-pin, green) as shown in Figure 3. Please pay attention to the polarity. Connecting
backward may cause damage to the board.
Figure 3. Location of Power Connector, J2
Proper size and length of cable should be used.
4.3 Motor Wiring
Connect motor power wires to J12 (3-pin, green) of IRMCS2013 board as shown in Figure 4.
Figure 4. Location of Motor Wiring Connection, J12
For Sanyo Denki (P50B05007AXS7Z) or Glentek (GMB2005-8-N-02121109), the colored wires should be connected
to the associated pins of the IRMCS2013 board as shown in Table 2.
Sanyo Denki’s motor
cable wire
Glentek motor
cable wire
J12 pin
RED
RED (pin A)
U
WHITE
BLUE (pin C)
V
BLACK
BLACK (pin B)
W
GREEN/YELLOW
GREEN (pin D)
Not available
Table 2. Motor Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com