Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2013 Datasheet(PDF) 25 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 25 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 18Page - International Rectifier IRMCS2013 Datasheet HTML 19Page - International Rectifier IRMCS2013 Datasheet HTML 20Page - International Rectifier IRMCS2013 Datasheet HTML 21Page - International Rectifier IRMCS2013 Datasheet HTML 22Page - International Rectifier IRMCS2013 Datasheet HTML 23Page - International Rectifier IRMCS2013 Datasheet HTML 24Page - International Rectifier IRMCS2013 Datasheet HTML 25Page - International Rectifier IRMCS2013 Datasheet HTML 26Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
24
10. Specifications
TC=25
°C unless specified
Parameters
Values
Conditions
Input Power
Voltage
22 to 50V
Input current
6.1A rms @nominal output
TA=40
°C, RthSA=1.0 °C/W
Input line impedance
4%
∼8% recommended
Output Power
Watt
350W continuous power
Vin=48V DC, fPWM=20kHz, fO=60Hz, TA=40°C,
RthSA=1.0
°C/W
Current
6.0 Arms nominal, 18 Arms Overload
3 secs overload
Host interface (SPI)
SCLK,CS,MISO,MOSI, SYNC
3.3V logic level
Isolated, maximum 6MHz
Host interface (RS232C)
Tx, Rx
10V
Maximum 57.6k bps, single ended,
configurable for RS422 up to 1Mbps
Host interface (Parallel Port)
HP_nCS, HP_nOE, HP_nWE,
HP_A, HP_DATA[8]
3.3V
8 bit parallel interface compatible with 8051,
MicroChip, other µP.
D/A
8 bit 4 Channel
0-3.3V output
Output is buffered with 4mA drive capability
A/D
12 bit 2 channel
±10V for reference input, 5V for DC bus
input
Discrete I/O
Input
4 bit, START, STOP, FLTCLR, IFBCAL
5V tolerant, Isolated, Active High logic
Output
3 bit, PWMACTIVE, FAULT, SYNC
Current feedback
Current sensing device
IR2175, direct interface
Resolution
10 bit (7.5 nanoseconds counting
resolution)
133 MHz internal IRMCK201 clock
Latency
8.3 usec
IR2175 PWM output (130 kHz)
Protection
Output current trip level
28A peak,
±10%
Ground fault trip level
28A peak,
±10%
Over-voltage trip level
63.3V
Under-voltage trip level
18.4
Dynamic Brake voltage
DB turn-on voltage
58.7V
DB turn-off voltage
55.6V
Encoder Interface
Incremental encoder
Maximum 2 MHz
All differential signals are converted to single
ended signals including index pulse
Hall A/B/C initialization
Programmable wire saving/dedicated
A/B/C
Power Devices
IRFB59N10D + IR2106
6 MOSFETs + 3 gate drivers
Bootstrap power supply for high side circuit
System environment
Ambient temperature
0 to 40
°C
95%RH max. (non-condensing)
Table 7. IRMCS2013 Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com