| Electronic Components Datasheet Search |
|
OV6630 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OV6630 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 29 page ![]() SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS March 4, 2000 Version 1.0 20 during read cycle, the master returns acknowledge except the read data is the last byte. The master does not perform acknowledge if the read data is the last byte, indicates that the slave can terminate the read cycle. Note that the restart feature is not supported here. Within each byte, MSB is always transferred first. Read/write control bit is the LSB of the first byte. Standard I 2C communications require only two pins: SCL and SDA. SDA is configured as open drain for bi-directional purpose. A HIGH to LOW transition on the SDA while SCL is HIGH indicates a START condition. A LOW to HIGH transition on the SDA while SCL is HIGH indicates a STOP condition. Only a master can generate START/STOP conditions. Except for these two special conditions, the protocol that SDA remain stable during the HIGH period of the clock, SCL. Each bit is allowed to change state only when SCL is LOW (See Figure * and Figure 10 below). The OV6630/OV6130 I 2C supports multi-byte write and multi-byte read. The master must supply the sub-address. in the write cycle, but not in the read cycle. DATA STABLE DATA CHANGE ALLOWED SDA SCL Figure 9. Bit Transfer on the I 2C Bus SLAVD ID SUB ADD DATA S P A A A RW SDA SCL Figure 10. Data Transfer on the I 2C Bus Therefore, OV6630/OV6130 takes the read sub-address from the previous write cycle. In multi-byte write or multi-byte read cycles, the sub-address is automatically increment after the first data byte so that continuous locations can be accessed in one bus cycle. A multi-byte cycle overwrites its original sub-address; therefore, if a read cycle immediately follows a multi-byte cycle, you must insert a single byte write cycle that provides a new sub-address. OV6630/OV6130 can be power up pin programmed to one-of-eight slave ID addresses through function pins CS[2:0] (pins 35, 37, 34, respectively). Table 15. Slave ID Addresses CS[2:0] 000 001 010 011 100 101 110 111 WRITE ID (hex) C0 C4 C8 CC D0 D4 D8 DC READ ID (hex) C1 C5 C9 CD D1 D5 D9 DD OV6630/OV6130 supports both single chip and multiple chip configurations. By asserting MULT (pin 47) to high, the sensor can be programmed for up to 8 slave ID addresses. Asserting MULT low configures OV6630/OV6130 for single ID slave address with address C0 for writes and address C1 for reads. MULT is internally defaulted to a low condition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |