Electronic Components Datasheet Search
  English  ▼

X  

OV6630 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
29
4F
YMXB
00
RW
YUV matrix control (Secondary)
YMXB[7:6] – Y channel delay selection: 0 ~ 3tp
YMXB[5] – reserved.
YMXB[4] – UV 2tp delay selection
YMXB[3] – reserved.
YMXB[2] – Enable UV average mode.
YMXB[1:0] – Color killer control. “00” no color kill, “11” strongest.
Note: This function is not available on the OV6130 image sensor.
50-53
Rsvd 50-53
××
–
Reserved
54
COMQ
09
RW
Common control Q
COMQ[7] – reserved.
COMQ[6] – Central 1/4 image area rather whole image used to calculate AWB. “0”
uses whole image area to calculate AWB.
COMQ[5] – reserved.
COMQ[4] - Select smart AWB. AWB algorithm will not count pixels with strong color.
COMQ[3] – Enable AWB using manual input AWB registers when AWB is switched
from manual to automatic control.
COMQ[2] – reserved.
COMQ[1:0] – Select the maximum AGC.
“00” maximum gain=6dB, step 1/16
“01” maximum gain=12dB, step 1/16
“10” maximum gain=6dB, step 1/16
“11” maximum gain=18dB, step 1/8
55-56
Rsvd 55-56
××
RW
Reserved
57
DBL
81
RW
Internal charge pump control
DBL[7] – “0” disables internal charge pump. “1” enables internal charge pump.
DBL[6:4] – selects the driving capability of internal charge pump. “000” is the smallest
and “111” is the strongest.
DBL[3] – “1” no VSYNC in the field that is dropped.
DBL[2:0] – reserved.
58
Rsvd 58
F5
RW
Reserved
59
OFC
00
RW
Dark current compensation
OFC[7] – reserved
OFC[6] – sign bit of the offset. “0” positive offset and “1” negative offset.
OFC[5:0] – add an offset before AGC to compensate the dark current.
5A
SC
28
RW
Smart color control
SC[7] – reserved
SC[6] – select smart color. “1” indicates the color saturation will decrease with the
increase of AGC.
SC[5] – select the minimum color saturation in smart color option. “0” the minimum
saturation is 40% of normal value. “1” the minimum saturation is 50% of normal
value.
SC[4:0] – reserved.
5B
SAWB
00
RW
Smart AWB control
SAWB[7:4] – reserved
SAWB[3:2] – Lowest chrominance level to be available for AWB control.
SAWB[1:0] – highest chrominance level to be available for AWB control.
5C
Rsvd 5C
13
RW
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com