Electronic Components Datasheet Search
  English  ▼

X  

OV6630 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
15
2
Electrical Characteristics
Table 10. DC Characteristics (0
°°°°C ≤≤≤≤ TA ≤≤≤≤ 85°°°°C, Voltages referenced to GND)
Symbol
Descriptions
Max
Typ
Min
Units
Supply
VDD1
Supply voltage
(DEVDD, ADVDD, AVDD, SVDD, DVDD)
3.6
3.3
2.7
V
VDD2
Supply voltage (DOVDD)
5.5
3.6
5
3.3
4.5
2.7
V
IDD1
Supply current
(@50Hz frame rate and 3.3V digital I/O with 25pF plus 1TTL loading
on 16-bit data bus)
40
mA
IDD2
Supply current
(VDD=3V, @50Hz frame rate without digital I/O loading, 2 ports
output, and without internal charge pump)
12
mA
IDD3
Standby supply current
10
5
µA
Digital Inputs
VIL
Input voltage LOW
0.8
V
VIH
Input voltage HIGH
2
V
CIN
Input capacitor
10
PF
Digital Outputs (standard loading 25pF, 1.2K
Ω to 3V)
VOH
Output voltage HIGH
2.4
V
VOL
Output voltage LOW
0.6
V
I
2C Input (5K
Ω pull up + 100pF)
VIL
SDA and SCL (VDD2=5V)
1.5
-0.5
V
VIH
SDA and SCL (VDD2=5V)
VDD+0.5
3.3
3.0
V
VIL
SDA and SCL (VDD2=3V)
1
0
-0.5
V
VIH
SDA and SCL (VDD2=3V)
VDD+0.5
3
2.5
V
Table 11. AC Characteristics (TA=25°
°°°C, V
DD=3V)
Symbol
Descriptions
Max
Typ
Min
Units
RGB/YCrCb Output
ISO
Maximum sourcing current
15
mA
VY
DC level at zero signal
YPP 100% amplitude (without sync)
Sync amplitude
1.2
1
0.4
V
ADC Parameters
B
Analog bandwidth
MHz
Φ
DIFF
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
1
LSB
Table 12. Timing Characteristics
Symbol
Descriptions
Max
Typ
Min
Units
Oscillator and Clock Input
fOSC
Frequency (XCLK1, XCLK2)
24
17.734
10
MHz
tr, tf
Clock input rise/fall time
5
ns
Clock input duty cycle
55
50
45
%
I
2C Timing (400Kbit/s)
tBUF
Bus free time between STOP and START
1.3
ms
tHD:SAT
SCL change after START status
0.6
µs
tLOW
SCL low period
1.3
µs
tHIGH
SCL high period
0.6
µs
tHD:DAT
Data hold time
0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com