Electronic Components Datasheet Search
  English  ▼

X  

OV6630 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
8
Y[7:0]
PCLK
HREF
UV[7:0]
Y[7:0]
PCLK
HREF
Pixel Data 16-bit Timing
(PCLK rising edge latches data bus)
10
Y
Y
10
80
U
V
80
T
CLK
T
SU
T
HD
Repeat for all data bytes
Pixel Data 8-bit Timing
(PCLK rising edge latches data bus)
U
Y
80
10
10
80
V
Y
10
T
CLK
T
SU
T
HD
Repeat for all data bytes
Note: T
CLK is pixel clock period.. TCLK=112ns for 16-bit output and TCLK=56ns for 8-bit output if the system
clock is 17.73MHz. T
SU is the setup time of HREF. The maximum is 15ns. THD is the hold time of HREF.
The maximum is 15ns.
Figure 4. Pixel Data Bus (YUV Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com