Electronic Components Datasheet Search
  English  ▼

X  

OV6630 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
16
tSU:DAT
Data setup time
0.1
µs
tSU:STP
Setup time for STOP status
0.6
µs
Digital Timing
tPCLK
PCLK cycle time
16-bit operation
8-bit operation
112
56
ns
tr, tf
PCLK rise/fall time
15
ns
tPDD
PCLK to data valid
15
ns
tPHD
PCLK to HREF delay
20
10
5
ns
Table 13. Zoom Video Port AC Parameters
Symbol
Parameter
Min
Max
t1
PCLK fall time
4ns
8ns
t2
PCLK low time
50ns
t3
PCLK rise time
4ns
8ns
t4
PCLK high time
50ns
t5
PCLK period
106ns
t6
Y/UV/HREF setup time
10ns
t7
Y/UV/HREF hold time
20ns
t8
VSYNC setup/hold time to HREF
1
µs
Notes:
1.
In Interlaced Mode, there are even/odd field different (t8). When In Progressive Scan Mode, only frame timing same as Even
field(t8).
2.
After VSYNC falling edge, OV6630 will output black reference level, the line number is TVS, which is the line number be-
tween the 1st HREF rising edge after VSYNC falling edge and 1st valid data CHSYNC rising edge. Then valid data, then
black reference, line number is TVE, which is the line number between last valid data CHSYNC rising edge and 1st CHSYNC
rising edge after VSYNC rising edge. The black reference output line number is dependent on vertical window setting.
3.
When in default setting, TVE = 14 × TLINE, which is changed with register VS[7:0]. VS[7:0] step equal to 1 line.
4.
When in default setting, TVE = 4 × TLINE for Odd Field, TVE = 3 × TLINE for Even Field, which is changed with register
VE[7:0]. VE[7:0] step equal to 1 line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com