Electronic Components Datasheet Search
  English  ▼

X  

OV6630 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
28
COML[2] – Tristate all control signal output (FODD, CHSYNC, HREF, PCLK)
COML[1] – Highest 1 bit of horizontal sync starting position, combined with register
[3A]
COML[0] – Highest 1 bit of horizontal sync ending position, combined with register
[3B]
3A
HSST
0F
RW
Horizontal sync start position
HSST[7:0] – lower 8 bit of horizontal sync starting position, combined with register bit
of COML[1], total 9 bit control. range: [00] -- [FF]. HSEND[8:0] must be less than
HSST[8:0]
3B
HSEND
3C
RW
Horizontal sync end position
HEND[7:0] – lower 8 bit of horizontal sync ending position, combined with register bit
of COML[0], total 9 bit control. range: [00] - [FF]. HSEND[8:0] must be larger than
HSST[8:0]
3C
COMM
21
RW
Common control M
COMM[7:5] – reserved.
COMM[4] – AEC/AGC change mode selection
COMM[3] – AEC/AGC change mode selection
COMM[2] – AEC/AGC change fastest mode
COMM[1] – AEC/AGC change fast mode
COMM[0] – AEC/AGC change slowest mode
3D
COMN
08
RW
Common Control N
COMN[7] – Enable one frame drop when AEC change to keep data valid when
Banding filter mode enable.
COMN[6:4] – reserved
COMN[3] – Enable 50 Hz PAL video timing, VTO analog signal can be displayed on
TV
COMN[2] – reserved
COMN[1] – Tri-state Y and UV digital video ports in power down mode.
COMN[0] – reserved
3E
COMO
80
RW
Common control O
COMO[7] – Input main clock divided by 2 or 4 selection. “1” -- 2; “0” -- 4
COMO[6:5] – reserved
COMO[4] – Select 4-bit nibble mode output
COMO[3] – reserved
COMO[2] – Enable Minimum exposure time is 4 line. Default is 1 line
COMO[1:0] – reserved
3F
COMP
02
RW
Common control P
COMP[7] – reserved
COMP[6] – Output main clock output from FODD port
COMP[5] – reserved
COMP[4] – Soft chip power down enable, can be waked up by disable this bit
COMP[3:2] – reserved
COMP[1] – ITU-656 output control
COMP[0] – Reset internal timing circuit without reset AEC/AGC/AWB value
40-4C
Rsvd 40-4C
××
–
Reserved
4D
YMXA
02
RW
YUV matrix control (Main)
YMXA[7:5] – reserved
YMXA[4:3] – YUV/YCrCB selection:
“00” U = u, V = v
“01” U = 0.938u, V = 0.838v
“10” U = 0.563u, V = 0.714v
“11” U = 0.5u, V = 0.877v
YMXA[2:0] – Reserved
Note: This function is not available on the OV6130 image sensor.
4E
ARL
A0
RW
AEC/AGC reference level
ARL[7:5] – Voltage reference selection (Higher voltage = brighter final stable image)
“000” = Lowest reference level
“111” = Highest reference level
ARL[4:0] – Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com