Electronic Components Datasheet Search
  English  ▼

X  

MP2325 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2325 Datasheet HTML 9Page - Monolithic Power Systems MP2325 Datasheet HTML 10Page - Monolithic Power Systems MP2325 Datasheet HTML 11Page - Monolithic Power Systems MP2325 Datasheet HTML 12Page - Monolithic Power Systems MP2325 Datasheet HTML 13Page - Monolithic Power Systems MP2325 Datasheet HTML 14Page - Monolithic Power Systems MP2325 Datasheet HTML 15Page - Monolithic Power Systems MP2325 Datasheet HTML 16Page - Monolithic Power Systems MP2325 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
16
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
C1
0.1uF
C1A
22uF
C5
0.1uF
R5
100k
R4
100k
R3
20
C4
0.1uF
L1
3.3uH
C2A
22uF
C2
22uF
R6
56k
R1
40.2k
R2
31.6k
C3
15pF
1.8V/3A
U1
IN
VCC
EN
FB
SW
BST
GND
MP2325
PG
Figure 11: Vo=1.8V, Io=3A
C1
0.1uF
C1A
22uF
C5
0.1uF
R5
100k
R4
100k
R3
20
C4
0.1uF
L1
1.8uH
C2A
22uF
C2
22uF
R6
100k
R1
20.5k
R2
39.2k
C3
15pF
1.2V/3A
U1
IN
VCC
EN
FB
SW
BST
GND
MP2325
PG
Figure 12: Vo=1.2V, Io=3A
C1
0.1uF
C1A
22uF
C5
0.1uF
R5
100k
R4
100k
R3
20
C4
0.1uF
L1
1.8uH
C2A
22uF
C2
22uF
R6
100k
R1
20.5k
R2
76.8k
C3
15pF
1V/3A
U1
IN
VCC
EN
FB
SW
BST
GND
MP2325
PG
Figure 13: Vo=1V, Io=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com