Electronic Components Datasheet Search
  English  ▼

X  

MP2325 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2325 Datasheet HTML 5Page - Monolithic Power Systems MP2325 Datasheet HTML 6Page - Monolithic Power Systems MP2325 Datasheet HTML 7Page - Monolithic Power Systems MP2325 Datasheet HTML 8Page - Monolithic Power Systems MP2325 Datasheet HTML 9Page - Monolithic Power Systems MP2325 Datasheet HTML 10Page - Monolithic Power Systems MP2325 Datasheet HTML 11Page - Monolithic Power Systems MP2325 Datasheet HTML 12Page - Monolithic Power Systems MP2325 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
9
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP2325 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 3A continuous
output current over a wide input supply range
with excellent load and line regulation.
The MP2325 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
95% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases, a 0.1uF
ceramic capacitor for decoupling purpose is
required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and
outputs a COMP voltage, which is used to
control
the
power
MOSFET
current.
The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control loop design.
Power Save Mode for Light Load Condition
The
MP2325
has
AAM
(Advanced
Asynchronous Modulation) power-save mode
for light load. Under the heavy load condition,
the VCOMP is higher than VAAM. When the clock
goes high, the high-side power MOSFET turns
on and remains on until VILsense reaches the
value set by the COMP voltage. The internal
clock resets every time when VCOMP is higher
than VAAM.
Under the light load condition, the value of
VCOMP is low. When VCOMP is less than VAAM and
VFB is less than VREF, VCOMP ramps up until it
exceeds VAAM. During this time, the internal
clock is blocked, thus the MP2325 skips some
pulses for PFM (Pulse Frequency Modulation)
mode and achieves the light load power save.
4
33k
Figure 2: Simplified AAM Control Logic
For VIN=12V, VOUT=3.3V, L=4.9
μH, the inductor
peak current set internally is about 500mA at
light load. The AAM voltage internally is varied
with duty cycle for keeping the inductor peak
current constant.
Figure 3: AAM Selection for Common Output
Voltages (VIN=4.5V-24V)
Enable/SYNC control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive it low to turn it off. There is
an internal 1MEG resistor from EN to GND thus
EN can be floated to shut down the chip. Also
EN pin voltage was clamped to around 6.5V by
an internal zener-diode. Please use large
enough pull up resistor connecting between VIN
and EN to limit the EN input current which
should be less than 100uA. Generally, around



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com