Electronic Components Datasheet Search
  English  ▼

X  

MP2325 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2325 Datasheet HTML 9Page - Monolithic Power Systems MP2325 Datasheet HTML 10Page - Monolithic Power Systems MP2325 Datasheet HTML 11Page - Monolithic Power Systems MP2325 Datasheet HTML 12Page - Monolithic Power Systems MP2325 Datasheet HTML 13Page - Monolithic Power Systems MP2325 Datasheet HTML 14Page - Monolithic Power Systems MP2325 Datasheet HTML 15Page - Monolithic Power Systems MP2325 Datasheet HTML 16Page - Monolithic Power Systems MP2325 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
14
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
L1
C2
C1
C1A
R4
C4
C5
Vin
GND
Vout
SW
GND
GND
SW
BST
GND
VOUT
R5
EN/SYNC
VCC
C2A
Figure 7: Sample Board Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
19V
VOUT
5V
IO
3A
The detailed application schematics are shown
in
Figures
8
through
13.
The
typical
performance and circuit waveforms have been
shown
in
the
Typical
Performance
Characteristics
section.
For
more
device
applications,
please
refer
to
the
related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com