Electronic Components Datasheet Search
  English  ▼

X  

MP2325 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2325 Datasheet HTML 3Page - Monolithic Power Systems MP2325 Datasheet HTML 4Page - Monolithic Power Systems MP2325 Datasheet HTML 5Page - Monolithic Power Systems MP2325 Datasheet HTML 6Page - Monolithic Power Systems MP2325 Datasheet HTML 7Page - Monolithic Power Systems MP2325 Datasheet HTML 8Page - Monolithic Power Systems MP2325 Datasheet HTML 9Page - Monolithic Power Systems MP2325 Datasheet HTML 10Page - Monolithic Power Systems MP2325 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
7
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
PG
Power Good Output. The output of this pin is an open drain. It
’s pulled up to Vcc by
external resistor when the output voltage exceeds 90% of the normal voltage. There is a
40
μs delay between FB≥90% to the PG pin goes high.
2
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP2325 operates from a +4.5V to +24V input rail. Requires a low-ESR, and low
inductance capacitor (C1) to decouple the input rail. Place the input capacitor very close to
this pin and connect it with wide PCB traces and multiple vias.
3
SW
Switch Output. Connect to the inductor and bootstrap capacitor. This pin is driven up to
VIN by the high-side switch during the PWM duty cycle ON time. The inductor current
drives the SW pin negative during the OFF time. The ON resistance of the low-side switch
and the internal body diode fixes the negative voltage. Connect using wide PCB traces and
multiple vias.
4
GND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout. Suggested to be connected to GND with
copper and vias.
5
BST
Bootstrap. A capacitor and a 20
Ω resistor connected between SW and BST pins are
required to form a floating supply across the high-side switch driver.
6
EN/SYNC
EN=1 to enable the MP2325. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up,
connect EN pin to VIN with a 100kΩ resistor.
7
VCC
Bias Supply. Decouple with 0.1
μF-0.22μF cap. And the capacitance should be no more
than 0.22
μF
8
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin, sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency fold-back comparator lowers the oscillator frequency when the FB voltage is
below 400mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com