Electronic Components Datasheet Search
  English  ▼

X  

MP2325 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2325 Datasheet HTML 1Page - Monolithic Power Systems MP2325 Datasheet HTML 2Page - Monolithic Power Systems MP2325 Datasheet HTML 3Page - Monolithic Power Systems MP2325 Datasheet HTML 4Page - Monolithic Power Systems MP2325 Datasheet HTML 5Page - Monolithic Power Systems MP2325 Datasheet HTML 6Page - Monolithic Power Systems MP2325 Datasheet HTML 7Page - Monolithic Power Systems MP2325 Datasheet HTML 8Page - Monolithic Power Systems MP2325 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
3
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
5.5
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
130
180
240
μA
HS Switch On Resistance
HSRDS-ON VBST-SW=5V
90
mΩ
LS Switch On Resistance
LSRDS-ON VCC=5V
40
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V
1
μA
Current Limit
(5)
ILIMIT
Duty Cycle=40%
4.5
5.5
6.5
A
Oscillator Frequency
fSW
VFB=750mV
420
500
620
kHz
Fold-back Frequency
fFB
VFB=200mV
0.5
fSW
Maximum Duty Cycle
DMAX
VFB=750mV
90
95
%
Minimum On Time
(5)
TON_MIN
60
ns
Sync Frequency Range
fSYNC
0.2
2
MHz
Feedback Voltage
VFB
TA=25ºC
783
791
799
mV
Feedback Current
IFB
VFB=820mV
10
50
nA
EN Rising Threshold
VEN_RISING
1.2
1.4
1.6
V
EN Hysteresis
VEN_HYS
80
150
220
mV
EN Input Current
IEN
VEN=2V
1.5
2
2.5
μA
VEN=0
0
50
nA
EN Turn Off Delay
ENTd-off
6
10
14
μs
Power Good Rising Threshold
PGVTH-Hi
0.9
VFB
Power Good Falling Threshold
PGVTH-LO
0.85
VFB
Power Good Delay
PGTd
40
μs
Power
Good
Sink
Current
Capability
VPG
Sink 1mA
0.4
V
Power Good Leakage Current
IPG-LEAK
1
μA
VIN Under Voltage Lockout
Threshold-Rising
INUVVth
3.7
3.9
4.1
V
VIN Under Voltage Lockout
Threshold-Hysteresis
INUVHYS
550
650
750
mV
VCC Regulator
VCC
4.65
4.9
5.15
V
VCC Load Regulation
ICC=5mA
0
1
3
%
Soft-Start Period
TSS
0.8
1.5
2.2
ms
Thermal Shutdown
(5)
150
ºC
Thermal Hysteresis
(5)
20
ºC
Notes:
5) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com