Electronic Components Datasheet Search
  English  ▼

X  

MP2454 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2454 Datasheet HTML 1Page - Monolithic Power Systems MP2454 Datasheet HTML 2Page - Monolithic Power Systems MP2454 Datasheet HTML 3Page - Monolithic Power Systems MP2454 Datasheet HTML 4Page - Monolithic Power Systems MP2454 Datasheet HTML 5Page - Monolithic Power Systems MP2454 Datasheet HTML 6Page - Monolithic Power Systems MP2454 Datasheet HTML 7Page - Monolithic Power Systems MP2454 Datasheet HTML 8Page - Monolithic Power Systems MP2454 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP2454―36V, 0.6A, STEP-DOWN CONVERTER
MP2454 Rev. 1.01
www.MonolithicPower.com
3
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
MSOP-10 EP
QFN-10 (3mm x 3mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ........................-0.3V to 40V
Switch voltage (VSW) ....... –0.3V to VIN (MAX)+0.3V
BST to SW ....................................... -0.3 to 6.0V
All other pins ..................................-0.3V to 5.0V
EN sink current ........................................ 150µA
Continuous power dissipation.... (TA = +25°C)
(2)
MSOP-10 EP ........................................... 2.27W
QFN-10 (3mm x 3mm) ............................. 2.50W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature.................. -65°C to 150°C
Recommended Operating Conditions
Supply voltage (VIN) .........................3.3V to 36V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
MSOP-10 EP .......................... 55 ...... 12... °C/W
QFN-10 (3mm x 3mm)............ 50 ...... 12... °C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient
thermal
resistance
(θJA),
and
the
ambient
temperature (TA). The maximum allowable continuous power
dissipation at any ambient temperature is calculated by
PD(MAX)=(TJ(MAX)-TA)/
θJA.
Exceeding
the
maximum
allowable power dissipation will produce an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com