Electronic Components Datasheet Search
  English  ▼

X  

MP2454 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2454 Datasheet HTML 1Page - Monolithic Power Systems MP2454 Datasheet HTML 2Page - Monolithic Power Systems MP2454 Datasheet HTML 3Page - Monolithic Power Systems MP2454 Datasheet HTML 4Page - Monolithic Power Systems MP2454 Datasheet HTML 5Page - Monolithic Power Systems MP2454 Datasheet HTML 6Page - Monolithic Power Systems MP2454 Datasheet HTML 7Page - Monolithic Power Systems MP2454 Datasheet HTML 8Page - Monolithic Power Systems MP2454 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2454
36V, 0.6A
Step-Down Converter
MP2454 Rev. 1.01
www.MonolithicPower.com
1
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2454 is a frequency-programmable
(350kHz
to
2.3MHz),
step-down
switching
regulator with an integrated internal high-side,
high-voltage
power
MOSFET.
It
outputs
efficiently up to 0.6A and has current-mode
control for fast loop response.
The wide 3.3V to 36V input range accommodates a
variety of step-down applications in automotive-
input environments. A 3.5μA shutdown mode
quiescent current allows for use in battery-
powered applications. Also, the device has a high
duty cycle and low drop-out mode for automotive
cold-crank conditions.
The MP2454 achieves high-power conversion
efficiency over a wide load range by scaling
down the switching frequency at light-load
conditions to reduce both switching and gate
driving losses.
Frequency foldback prevents inductor current
runaway during start-up and short circuit.
Thermal shutdown provides reliable, fault-tolerant
operation. An open-drain power good (PG) signal
indicates when the output is within its nominal
voltage.
The MP2454 is available in MSOP-10 EP and
QFN-10 (3mm x 3mm) packages.
FEATURES
 60μA Operating Quiescent Current
 Wide 3.3V to 36V Operating Input Range
 200mΩ Internal Power MOSFET
 Up to 2.3MHz Programmable Switching
Frequency
 Stable with Ceramic Output Capacitors
 Internal Compensation
 External Soft Start
 > 90% Efficiency
 Low Dropout Operation for Cold Crank
 3.5μA Low Shutdown Supply Current
 Synchronization to External Clock
 Power Good Output
 Programmable Power Good Delay Time
 MSOP-10 EP and QFN-10 (3mm x 3mm)
Packages
APPLICATIONS
 High-Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
45
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
Efficiency vs.


Similar Part No. - MP2454

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2451 MPS-MP2451 Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DJ MPS-MP2451DJ Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DT MPS-MP2451DT Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
More results

Similar Description - MP2454

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
logo
Torex Semiconductor
XC9267 TOREX-XC9267 Datasheet
1Mb / 31P
36V Operation 0.6A Synchronous Step-Down DC/DC Converters
logo
Monolithic Power System...
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com