Electronic Components Datasheet Search
  English  ▼

X  

MP2454 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2454 Datasheet HTML 1Page - Monolithic Power Systems MP2454 Datasheet HTML 2Page - Monolithic Power Systems MP2454 Datasheet HTML 3Page - Monolithic Power Systems MP2454 Datasheet HTML 4Page - Monolithic Power Systems MP2454 Datasheet HTML 5Page - Monolithic Power Systems MP2454 Datasheet HTML 6Page - Monolithic Power Systems MP2454 Datasheet HTML 7Page - Monolithic Power Systems MP2454 Datasheet HTML 8Page - Monolithic Power Systems MP2454 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP2454―36V, 0.6A, STEP-DOWN CONVERTER
MP2454 Rev. 1.01
www.MonolithicPower.com
4
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TA= +25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Feedback voltage
VIN = 3.3V to 36V
0.784
0.8
0.816
V
Switch on resistance
VBST - VSW = 5V
200
350
mΩ
Switch leakage
VEN = 0V, VSW = 0V
0.1
1
μA
Current limit
Duty Cycle = 30%
1
1.8
2.7
A
VIN UVLO rising threshold
2.6
2.9
3.2
V
VIN UVLO falling threshold
2.35
2.65
2.95
V
VIN UVLO hysteresis
0.25
V
Soft-start current
VSS = 1.2V
0.9
1.8
2.7
µA
RFREQ = 130kΩ
300
400
500
kHz
RFREQ = 49.9kΩ
800
1000
1200
kHz
Oscillator frequency
RFREQ = 17.4kΩ
1840
2300
2760
kHz
Sync. frequency range
350
2300
kHz
Minimum switch-on time
(4)
60
ns
Shutdown supply current
VEN = 0V
3.5
10
μA
Quiescent supply current
No load, VFB = 0.83V,
VBST - VSW = 5.5V
60
85
μA
EN input logic-low voltage
1
V
EN input logic-high voltage
1.8
V
FB in respect to the nominal
value, VOUT rising
90
%
POK threshold
FB in respect to the nominal
value, VOUT falling
107
%
POK hysteresis
FB in respect to the nominal
value
4.5
%
POK output voltage low
ISINK = 5mA
0.4
V
POK delay current source
0.9
1.8
2.7
µA
Thermal shutdown
(4)
170
°C
Thermal shutdown hysteresis
(4)
25
°C
NOTE:
4) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com