Electronic Components Datasheet Search
  English  ▼

X  

MP2454 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2454 Datasheet HTML 2Page - Monolithic Power Systems MP2454 Datasheet HTML 3Page - Monolithic Power Systems MP2454 Datasheet HTML 4Page - Monolithic Power Systems MP2454 Datasheet HTML 5Page - Monolithic Power Systems MP2454 Datasheet HTML 6Page - Monolithic Power Systems MP2454 Datasheet HTML 7Page - Monolithic Power Systems MP2454 Datasheet HTML 8Page - Monolithic Power Systems MP2454 Datasheet HTML 9Page - Monolithic Power Systems MP2454 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP2454―36V, 0.6A, STEP-DOWN CONVERTER
MP2454 Rev. 1.01
www.MonolithicPower.com
6
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 10µH, COUT = 2 x 10μF, fS = 1MHz, TA = +25°C, unless otherwise noted.
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
-50 -25 0
25
50
75 100 125
52
54
56
58
60
62
64
66
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
100
125
150
175
200
225
250
275
300
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
1.30
1.35
1.40
1.45
1.50
1.55
1.60
980
990
1000
1010
1020
1030
1040
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
-50 -25 0
25
50
75 100 125
Rising
Falling
Rising
Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com