Electronic Components Datasheet Search
  English  ▼

X  

MP2454 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2454
Description  36V, 0.6A Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2454 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2454 Datasheet HTML 6Page - Monolithic Power Systems MP2454 Datasheet HTML 7Page - Monolithic Power Systems MP2454 Datasheet HTML 8Page - Monolithic Power Systems MP2454 Datasheet HTML 9Page - Monolithic Power Systems MP2454 Datasheet HTML 10Page - Monolithic Power Systems MP2454 Datasheet HTML 11Page - Monolithic Power Systems MP2454 Datasheet HTML 12Page - Monolithic Power Systems MP2454 Datasheet HTML 13Page - Monolithic Power Systems MP2454 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP2454―36V, 0.6A, STEP-DOWN CONVERTER
MP2454 Rev. 1.01
www.MonolithicPower.com
10
9/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
SW
BST
VIN
EN/SYNC
EN/SYNC
Logic
Internal
Regulator
Soft Start
Logic
Oscillator
FREQ
GND
FB
POKDL
SS
ISW
M1
0.8V
3.5V
5V
SW
CLK
POK
Slope
Compensation
and Peak Current
Limit
Slope
EN
EXCLK
POK
Delay
M2
2.5V
BST
Figure 1: MP2454 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com