Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 11Page - Monolithic Power Systems MP2918 Datasheet HTML 12Page - Monolithic Power Systems MP2918 Datasheet HTML 13Page - Monolithic Power Systems MP2918 Datasheet HTML 14Page - Monolithic Power Systems MP2918 Datasheet HTML 15Page - Monolithic Power Systems MP2918 Datasheet HTML 16Page - Monolithic Power Systems MP2918 Datasheet HTML 17Page - Monolithic Power Systems MP2918 Datasheet HTML 18Page - Monolithic Power Systems MP2918 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
15
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
TSSOP-20
Pin #
QFN-20
Pin #
Name
Description
17
15
BG
Bottom gate driver output. Connect BG to the gate of the synchronous
N-channel MOSFET.
18
16
SW
Switch node. SW is the reference for the VBST supply and high-current
returns for the bootstrapped switch.
19
17
TG
Top gate drive. TG drives the gate of the top N-channel synchronous
MOSFET. The TG driver draws power from the BST capacitor and returns
to SW, providing a
true floating drive to the top N-channel MOSFET.
20
18
BST
Bootstrap. BST is the positive power supply for the internal, floating, high-
side MOSFET driver. Connect a bypass capacitor between BST and SW.
A diode from VCC1 to BST charges the BST capacitor when the low-side
switch is off.
Exposed
pad
Exposed pad. The exposed pad is on the bottom side of the device. It is
not connected to SGND or PGND electrically. Connect the exposed pad to
SGND and PGND during PCB layout for better thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com