Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 21Page - Monolithic Power Systems MP2918 Datasheet HTML 22Page - Monolithic Power Systems MP2918 Datasheet HTML 23Page - Monolithic Power Systems MP2918 Datasheet HTML 24Page - Monolithic Power Systems MP2918 Datasheet HTML 25Page - Monolithic Power Systems MP2918 Datasheet HTML 26Page - Monolithic Power Systems MP2918 Datasheet HTML 27Page - Monolithic Power Systems MP2918 Datasheet HTML 28Page - Monolithic Power Systems MP2918 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
25
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation, especially for the input capacitor
placement. A four-layer layout is strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure
10 and Figure 11 and follow the guidelines
below.
1.
Place the MOSFETs as close as possible
to the device.
2.
Make the sense lines (the red lines in Inner
Layer 2 of Figure 10 and Figure 11) run
close together using a Kelvin connection to
reduce the line drop error.
3.
Use a large ground plane to connect to
PGND directly.
4.
Add vias near PGND if the bottom layer is a
ground plane.
5.
Ensure that the high-current paths at
PGND and VIN have short, direct, and wide
traces.
6.
Place
the
ceramic
input
capacitor,
especially the small package size (0603)
input bypass capacitor, as close to IN and
PGND
as
possible
to
minimize
high-
frequency noise.
7.
Keep the connection of the input capacitor
and IN as short and wide as possible.
8.
Place the VCC1 capacitor as close to
VCC1 and SGND as possible.
9.
Route SW and BST away from sensitive
analog areas such as FB.
10. Place the feedback resistors close to the
chip
to
ensure
that
the
trace
which
connects to FB is as short as possible.
11. Use multiple vias to connect the power
planes to the internal layers.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 10: Recommended PCB Layout for
TSSOP Package
(6)
NOTE:
6)
The recommended PCB layout is based on Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com