Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 12Page - Monolithic Power Systems MP2918 Datasheet HTML 13Page - Monolithic Power Systems MP2918 Datasheet HTML 14Page - Monolithic Power Systems MP2918 Datasheet HTML 15Page - Monolithic Power Systems MP2918 Datasheet HTML 16Page - Monolithic Power Systems MP2918 Datasheet HTML 17Page - Monolithic Power Systems MP2918 Datasheet HTML 18Page - Monolithic Power Systems MP2918 Datasheet HTML 19Page - Monolithic Power Systems MP2918 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
16
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
VCC
Regulator
Oscillator
Reference
Error Amplifier
Control
Current Limit
Comparator
HS
Driver
LS
Driver
FB
PGND
SW
BST
VCC1
CCM/AAM
TG
BG
Current Sense
Amplifer
SENSE+
SENSE-
COMP
IN
FREQ
VCC1
EN/SYNC
PG
SGND
VPG
Vref
12X
4.7V
VCC2
ILIM
SYNCO
SS
SS
VCC1
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com