Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2918 Datasheet HTML 1Page - Monolithic Power Systems MP2918 Datasheet HTML 2Page - Monolithic Power Systems MP2918 Datasheet HTML 3Page - Monolithic Power Systems MP2918 Datasheet HTML 4Page - Monolithic Power Systems MP2918 Datasheet HTML 5Page - Monolithic Power Systems MP2918 Datasheet HTML 6Page - Monolithic Power Systems MP2918 Datasheet HTML 7Page - Monolithic Power Systems MP2918 Datasheet HTML 8Page - Monolithic Power Systems MP2918 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
3
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
SYNCO
MP2918
3
SENSE+
IN
EN/SYNC
COMP
VCC2
FREQ
BG
BST
TG
SENSE-
4
5
6
7
8
18
17
16
15
14
13
PGND
FB
SS
2
19
20
1
SW
SGND
VCC1
CCM/AAM
9
10
ILIM
PG
12
11
SYNCO
VCC1
VCC2
COMP
FB
SS
SGND
BG
PGND
SW
SENSE+
SENSE-
MP2918
1
2
3
4
5
6
16
15
14
13
12
11
TSSOP-20 EP
QFN-20 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Input supply voltage (VIN)............................. 65V
BST supply voltage (VBST)................. VIN + 6.5V
SW ..................................................-0.3V to 65V
EN/SYNC ..................................................... 55V
BST - SW .................................................... 6.5V
Supply voltage (VCC1) ............................... 6.5V
External supply voltage (VCC2)................... 15V
SENSE +/- ................................................... 28V
Differential sense (SENSE+ to SENSE-) ............
.....................................................-0.7V to +0.7V
TG ...............................VSW - 0.3V to VBST + 0.3V
BG ................................... -0.3V to VCC1 + 0.3V
All other pins ................................-0.3V to +6.5V
Continuous power dissipation (TA = +25°C)
(2)
TSSOP-20 EP............................................ 3.1W
QFN-20 (3mmx4mm) ................................. 2.6W
Junction temperature ................................150
C
Lead temperature .....................................260
C
Storage temperature ................ -65
C to +175C
Recommended Operating Conditions
(3)
Supply voltage (VIN)… ........................ 4V to 40V
Output voltage (VOUT)................................. ≤25V
Supply voltage for VCC2
….............. 4.7V to 12V
Operating junction temp. (TJ)….-40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP-20 EP ........................ 40 ....... 8....
C/W
QFN-20 (3mmx4mm).............. 48 ...... 10...
C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com