Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 20Page - Monolithic Power Systems MP2918 Datasheet HTML 21Page - Monolithic Power Systems MP2918 Datasheet HTML 22Page - Monolithic Power Systems MP2918 Datasheet HTML 23Page - Monolithic Power Systems MP2918 Datasheet HTML 24Page - Monolithic Power Systems MP2918 Datasheet HTML 25Page - Monolithic Power Systems MP2918 Datasheet HTML 26Page - Monolithic Power Systems MP2918 Datasheet HTML 27Page - Monolithic Power Systems MP2918 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
24
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The system has two important poles: one from
the compensation capacitor (C6) and the output
resistor of the error amplifier, and the other from
the output capacitor and the load resistor (see
Figure 9). These poles can be calculated with
Equation (16) and Equation (17):

m
P1
O
G
f
2
π C6 A
(16)
LOAD
P2
R
Co
2
π
1
f
(17)
Where
Gm
is
the
error
amplifier
transconductance (500
μA/V), and Co is the
output capacitor.
The system has one important zero due to the
compensation capacitor and the compensation
resistor (R5), which can be calculated with
Equation (18):

Z1
1
f
2
π C6 R5
(18)
The system may have another significant zero if
the output capacitor has a large capacitance or
high ESR value and can be calculated with
Equation (19):
ESR
ESR
R
Co
2
π
1
f
(19)
In
this
case,
a
third
pole
set
by
the
compensation
capacitor
(C7)
and
the
compensation resistor can compensate for the
effect of the ESR zero. This pole is calculated
with Equation (20):

P3
1
f
2
π C7 R5
(20)
The goal of the compensation design is to
shape the converter transfer function for a
desired
loop
gain.
The
system
crossover
frequency where the feedback loop has unity
gain
is
important,
since
lower
crossover
frequencies result in slower line and load
transient
responses,
and
higher
crossover
frequencies lead to system instability. Set the
crossover frequency to ~0.1 x fSW.
Follow
the
steps
below
to
design
the
compensation.
1. Choose R5 to set the desired crossover
frequency with Equation (21):


C
OUT
m
CS
FB
2
π Co f
V
R5
G
G
V
(21)
Where fC is the desired crossover frequency.
2. Choose C6 to achieve the desired phase
margin.
For
applications
with
typical
inductor values, set the compensation zero
(fZ1) <0.25 x fC to provide a sufficient phase
margin. C6 is then calculated with Equation
(22):

C
4
C6
2
π R5 f
(22)
3. C7 is required if the ESR zero of the output
capacitor is located at <0.5 x fSW, or
Equation (23) is valid:
2
f
R
Co
2
π
1
SW
ESR
(23)
If this is the case, use C7 to set the pole (fP3)
at the location of the ESR zero. Determine
C7 with Equation (24):
ESR
Co R
C7
R5
(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com