Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 10Page - Monolithic Power Systems MP2918 Datasheet HTML 11Page - Monolithic Power Systems MP2918 Datasheet HTML 12Page - Monolithic Power Systems MP2918 Datasheet HTML 13Page - Monolithic Power Systems MP2918 Datasheet HTML 14Page - Monolithic Power Systems MP2918 Datasheet HTML 15Page - Monolithic Power Systems MP2918 Datasheet HTML 16Page - Monolithic Power Systems MP2918 Datasheet HTML 17Page - Monolithic Power Systems MP2918 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
14
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP-20
Pin #
QFN-20
Pin #
Name
Description
1
19
IN
Input supply. The MP2918 operates on a 4V to 40V input range. A
ceramic capacitor is needed to prevent large voltage spikes at the input.
2
20
EN/SYNC
Enable input. The EN/SYNC threshold is 1.22V with 130mV of
hysteresis. EN/SYNC is used to implement an input under-voltage lockout
(UVLO) function externally. If an external sync clock is applied to
EN/SYNC, the internal clock follows the sync frequency.
3
1
VCC2
External power supply for the internal VCC1 regulator. VCC2 disables
the power from VIN for as long as VCC2 is higher than 4.7V. Do not
connect a power supply greater than 12V to VCC2. Connect VCC2 to an
external power supply to reduce power dissipation and increase efficiency.
4
2
VCC1
Internal bias supply. A
≥1µF decoupling capacitor is required between
VCC1 and PGND.
5
3
SGND
Low-noise ground reference. SGND should be connected to the VOUT
side of the output capacitors.
6
4
SS
Soft-start control input. SS is used to program the soft-start period with
an external capacitor between SS and SGND.
7
5
COMP
Regulation control loop compensation. Connect an R-C network from
COMP to SGND to compensate for the regulation control loop.
8
6
FB
Feedback. FB is the input of the error amplifier. An external resistive
divider connected between the output and SGND is compared to the
internal +0.8V reference to set the regulation voltage.
9
7
CCM/AAM
Continuous
conduction
mode/advanced
asynchronous
mode.
Floating CCM/AAM or connecting CCM/AAM to VCC1 makes the part
operate in CCM. Connecting an appropriate external resistor from
CCM/AAM to SGND (so AAM is at a low level) makes the part operate in
AAM. The AAM voltage should be no less than 480mV.
10
8
FREQ
Frequency. Connect a resistor between FREQ and SGND to set the
switching frequency.
11
9
PG
Power good output. The output of PG is an open drain.
12
10
ILIM
Sense voltage limit set. The voltage at ILIM sets the nominal sense
voltage at the maximum output current. There are three fixed options:
float, VCC1, and SGND.
13
11
SYNCO
Frequency synchronous out. SYNCO outputs a 180°out-of-phase clock
when the part works in CCM for dual-channel operation.
14
12
SENSE-
Negative input for the current sense. The sensed inductor current limit
threshold is determined by the status of ILIM.
15
13
SENSE+
Positive input for the current sense. The sensed inductor current limit
threshold is determined by the status of ILIM.
16
14
PGND
High-current ground reference for the internal low-side switch driver
and the VCC1 regulator circuit. Connect PGND to the negative terminal
of the VCC1 decoupling capacitor directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com