Electronic Components Datasheet Search
  English  ▼

X  

MP2918 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP2918
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP2918 Datasheet HTML 19Page - Monolithic Power Systems MP2918 Datasheet HTML 20Page - Monolithic Power Systems MP2918 Datasheet HTML 21Page - Monolithic Power Systems MP2918 Datasheet HTML 22Page - Monolithic Power Systems MP2918 Datasheet HTML 23Page - Monolithic Power Systems MP2918 Datasheet HTML 24Page - Monolithic Power Systems MP2918 Datasheet HTML 25Page - Monolithic Power Systems MP2918 Datasheet HTML 26Page - Monolithic Power Systems MP2918 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
23
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
and source in the application, which is VIN(MAX)
plus additional rings on the switch node.
The MOSFET
’s power dissipations can be
calculated with Equation (13) and Equation (14):


2
OUT
HS
OUT
ON-HS
IN
IN
OUT
r
f
SW
g-HS
SW
driver
V
P =I
R
+
V
1
V
I
t +t
f
2
+Q
f
V
(13)

 



2
OUT
LS
OUT
ON-LS
IN
g-LS
SW
driver
DROP
OUT
dead1
dead2
SW
V
P =I
R
1
+
V
Q
f
V
+
V
I
t
+t
f
(14)
Where RON-HS and RON-LS are the on resistance
of the HS-FET and LS-FET, tr and tf are the
rising and falling time of the switch, Qg-HS and
Qg-LS are the total gate charge of the HS-FET
and LS-FET, Vdriver is the gate driver voltage
(which is provided by VCC1), VDROP is the LS-
FET body diode forward voltage, tdead1 is the
dead time between the HS-FET turning off and
the LS-FET turning on, and tdead2 is the dead
time between the LS-FET turning off and the
HS-FET turning on.
Ensure that the thermal caused by the power
loss on the MOSFETs does not exceed the
allowed maximum thermal of the selected
MOSFETs.
Schottky Selection
The diode between SW and PGND (shown as
D2 in Figure 12) is used to absorb spikes, store
charges during dead time, and protect the body
diode of the LS-FET. Considering the size and
power loss during the dead time, a 1 - 3A
Schottky diode is recommended.
BST Charge Diode and Resistor Selection
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high. A power supply between 2.5V and 5V can
be used to power the external bootstrap diode.
VCC1 or VOUT is recommended to be this power
supply in the circuit (see Figure 8).
CBST
COUT
L
BST
SW
External BST diode
IN4148
VCC1
VCC1
VOUT
RBST
Figure 8: External Bootstrap Diode and Resistor
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1µF to 1μF.
A resistor in series with the BST capacitor (RBST)
can reduce the SW rising rate and voltage
spikes. This helps enhance EMI performance
and reduce voltage stress at a high VIN. A
higher resistance is better for SW spike
reduction but compromises efficiency. To make
a tradeoff between EMI and efficiency, a
≤20Ω
RBST is recommended.
Compensation Components
The MP2918 employs current-mode control for
easy compensation and fast transient response.
COMP is the output of the internal error
amplifier and controls system stability and
transient response. A series resistor-capacitor
(R-C) combination sets a pole zero combination
to control the control sys
tem’s characteristics
(see Figure 9). The DC gain of the voltage
feedback loop can be calculated with Equation
(15):
OUT
FB
O
CS
LOAD
VDC
V
V
A
G
R
A
(15)
Where AO is the error amplifier voltage gain
(3000V/V),
GCS
is
the
current
sense
transconductance
1/(12xRSENSE)
(A/V),
and
RLOAD is the load resistor value.
COMP
R5
C6
C7
Figure 9: Compensation Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com