Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 11Page - Monolithic Power Systems MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems MP8719 Datasheet HTML 17Page - Monolithic Power Systems MP8719 Datasheet HTML 18Page - Monolithic Power Systems MP8719 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
15
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
When the feedback voltage drops below 50% of
VREF, the UVP-2 comparator output goes high,
and the MP8719 latches off directly after the
comparator and logic delay (latching the HS-
FET off and the LS-FET on). The LS-FET
remains on until the inductor current reaches
zero. Fault latching can be reset by driving EN
low or cycling the power of VIN.
Under-Voltage Lockout (UVLO) Protection
The MP8719 has two under-voltage lockout
(UVLO) protections: a 3V VCC UVLO and a
4.2V VIN UVLO. The MP8719 starts up only
when both VCC and VIN exceed their
respective UVLO thresholds. The MP8719
shuts down when either VCC is lower than the
UVLO falling threshold voltage (typically 2.8V)
or VIN is lower than the 3.9V VIN falling
threshold. Both UVLO protections are non-latch
off.
If an application requires a higher under-voltage
lockout (UVLO), use EN2 to adjust the input
voltage UVLO by using two external resistors
(see Figure 10).
Figure 10: Adjustable UVLO
Over-Temperature Warning (OTW)
An over-temperature warning (OTW) status pin
is added on the MP8719 to act as a pre-over-
temperature indicator. When the IC detects that
it is close to its over-temperature threshold,
OTW pulls low and remains low for at least
10ms. OTW pulls high again when the device
temperature has cooled below the temperature
hysteresis. OTW does not trigger any protection.
Thermal Shutdown
Thermal shutdown is employed in the MP8719.
The junction temperature of the IC is monitored
internally. If the junction temperature exceeds
the threshold value (typically 145°C), the
converter shuts off. This is a non-latch
protection. There is a hysteresis of about 25°C.
Once the junction temperature drops to about
120°C, soft start is initiated.
Output Discharge
The MP8719 discharges all the outputs
including VDDQ, VTTREF, and VTT when the
controller is turned off by a protection function
(UVP, OCP, OVP, UVLO, or thermal shutdown).
The discharge resistor on VDDQ is 3Ω, typically.
Note that the output discharge is not active
during soft shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com