Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems MP8719 Datasheet HTML 17Page - Monolithic Power Systems MP8719 Datasheet HTML 18Page - Monolithic Power Systems MP8719 Datasheet HTML 19Page - Monolithic Power Systems MP8719 Datasheet HTML 20Page - Monolithic Power Systems MP8719 Datasheet HTML 21Page - Monolithic Power Systems MP8719 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
19
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Design Example
For applications that need currents over 10A, it
is recommended to apply a 500kHz fSW part for
better thermal performance and efficiency (see
Table 3). Otherwise, a 700kHz fSW operation
makes the system more compact with faster
transient (see Table 4).
There is a resistor from an external 3.3V supply
to 3V3 acting as a ripple noise filter of the 3.3V
power supply. It is recommended to have a
resistor value from 0 - 5.1Ω depending on the
noise level. A size 0402 resistor is sufficient if
the 3.3V voltage rises up with SS > 100µs.
Otherwise, a larger resistor (e.g.: 0603/0805) is
needed.
For applications where VIN is 5V or lower, it is
recommended to apply the SCH shown in
Figure 14 with a proper external ramp.
The
MP8719
also
supports
non
DDR
applications
with
very
compact
external
components (see Figure 15).
Some design examples are provided below
when ceramic capacitors are applied.
Table 3: Design Example for 500kHz fSW
VOUT
(V)
Cout
(F)
L
(μH)
RMode
(Ω)
C4
(pF)
R1
(kΩ)
R2
(kΩ)
1.0
22μx4
1.0
150k
220
13.3
20
1.2
22μx4
1.0
150k
220
20
20
1.35
22μx4
1.0
150k
220
28
22.1
1.5
22μx4
1.2
150k
220
30.1
20
1.8
22μx4
1.5
150k
220
40.2
20
Table 4: Design Example for 700kHz fSW
VOUT
(V)
Cout
(F)
L
(μH)
RMode
(Ω)
C4
(pF)
R1
(kΩ)
R2
(kΩ)
1
22μx3
0.68
0
220
13.3
20
1.2
22μx3
0.68
0
220
20
20
1.35
22μx3
0.68
0
220
28
22.1
1.5
22μx3
0.68
0
220
30.1
20
1.8
22μx3
0.68
0
220
40.2
20
Additional Design Examples with Higher
VOUT
The MP8719 supports designs that need VOUT
to be in the range of 3.3V to 5.5V. Figure 17
shows an SCH with a 5V VOUT with proper
external settings. Please pay attention to the
red components, and please note that USM is
not allowed for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com