Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8719 Datasheet HTML 1Page - Monolithic Power Systems MP8719 Datasheet HTML 2Page - Monolithic Power Systems MP8719 Datasheet HTML 3Page - Monolithic Power Systems MP8719 Datasheet HTML 4Page - Monolithic Power Systems MP8719 Datasheet HTML 5Page - Monolithic Power Systems MP8719 Datasheet HTML 6Page - Monolithic Power Systems MP8719 Datasheet HTML 7Page - Monolithic Power Systems MP8719 Datasheet HTML 8Page - Monolithic Power Systems MP8719 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP8719
26V, 12A, Low IQ, High-Current,
Synchronous Buck Converter
with ±1A LDO and Buffered Reference
MP8719 Rev1.01
www.MonolithicPower.com
1
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8719 provides a complete power supply
with the highest power density for DDR3,
DDR3L, LPDDR3, and DDR4 memory. The
MP8719
integrates
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter (VDDQ) with a 1A sink/source LDO
(VTT)
and
buffered
low-noise
reference
(VTTREF).
The MP8719 operates at high efficiency over a
wide output current load range based on MPS’s
proprietary switching loss reduction technology
and internal low RDS(ON) power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
The VTT LDO provides 1A of sink/source
current capability and requires only a 22μF
ceramic capacitor. The VTTREF tracks VDDQ/2
with excellent 1% accuracy.
Full protection features include over-current
(OC) limit, over-voltage protection (OVP),
under-voltage
protection
(UVP),
over-
temperature warning (OTW), and thermal
shutdown.
The MP8719 requires a minimal number of
external components and is available in a QFN-
16 (3mmx3mm) package.
FEATURES
 Wide 4.5V to 26V Operating Input Range
 135μA Low Quiescent Current
 12A Continous Output Current
 13A Peak Output Current
 Selectable Ultrasonic Mode (USM)
 Selectable
500kHz/700kHz
Switching
Frequency
 Built-In ±1A VTTLDO
 1% Buffered VTTREF Output
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 Stable with POSCAP and Ceramic Output
Capacitors
 Over-Temperature Warning (OTW)
 Internal Soft Start (SS)
 Output Discharge
 OCL, OVP, UVP, and Thermal Shutdown
 Latch-Off Reset via EN or Power Cycle
 Available
in
a
QFN-16
(3mmx3mm)
Package
APPLICATIONS
Televisions
Networking Systems
Distributed Power Systems
Set-Top-Box
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8719

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP87190 MPS-MP87190 Datasheet
134Kb / 1P
90A, Intelli-PhaseTM DrMOS Solution in TLGA-41 (5mmx6mm) Package with Quiet SwitcherTM Technology and 5V PVCC
7/20/2023 Rev. 1.1
MP87190GMJTH-P MPS-MP87190GMJTH-P Datasheet
134Kb / 1P
90A, Intelli-PhaseTM DrMOS Solution in TLGA-41 (5mmx6mm) Package with Quiet SwitcherTM Technology and 5V PVCC
7/20/2023 Rev. 1.1
More results

Similar Description - MP8719

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
Monolithic Power System...
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
MP8759 MPS-MP8759 Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com