Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 2Page - Monolithic Power Systems MP8719 Datasheet HTML 3Page - Monolithic Power Systems MP8719 Datasheet HTML 4Page - Monolithic Power Systems MP8719 Datasheet HTML 5Page - Monolithic Power Systems MP8719 Datasheet HTML 6Page - Monolithic Power Systems MP8719 Datasheet HTML 7Page - Monolithic Power Systems MP8719 Datasheet HTML 8Page - Monolithic Power Systems MP8719 Datasheet HTML 9Page - Monolithic Power Systems MP8719 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
6
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply voltage. VIN supplies power for the internal MOSFET and regulators. The
MP8719 operates from a +4.5V to +26V input rail. An input capacitor is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
2
PGND
Power ground. Use wide PCB traces and multiple vias to make the connection.
3
3V3
External 3V3 VCC input for control and driver. Place a 1µF decoupling capacitor
close to 3V3 and AGND. It is recommended to form an R-C filter.
4
AGND
Analog ground. The internal reference is referred to AGND. Connect GND of the FB
divider resistor to AGND for better load regulation.
5
VTT
VTT LDO output. Decouple with a minimum 22µF ceramic capacitor as close to VTT
as possible. X7R or X5R grade dielectric ceramic capacitors are recommended for
their stable temperature characteristics.
6
VDDQ
Input of VTTLDO. VDDQ is also used for VOUT sense. Do not float VDDQ at any time.
Connect VDDQ to the output capacitor of the regulator directly with a thick (>100mil)
trace.
7
VTTREF
Buffered VTT reference output. Decouple VTTREF with a minimum 0.22µF ceramic
capacitor as close to it as possible. X7R or X5R grade dielectric ceramic capacitors are
recommended for their stable temperature characteristics.
8
VTTS
VTT output sense. Connect VTTS to the output capacitor of the VTT regulator directly.
9
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is connected
to VIN when the HS-FET is on. SW is connected to PGND when the LS-FET is on. Use
wide and short PCB traces to make the connection. SW is noisy, so keep sensitive
traces away from SW.
10
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver.
11
OTW
Over-temperature status. OTW is used to indicate that the MP8719 is close to OTP.
OTW is pulled low once the junction temperature is higher than the over-temperature
warning threshold. OTW can be left open if not used.
12
PG
Power good output. PG is an open-drain signal. PG is high if the output voltage is
within a proper range.
13
FB
Feedback. An external resistor divider from the output to GND (tapped to FB) sets the
output voltage. Place the resistor divider as close to FB as possible. Avoid vias on the
FB traces.
14
MODE
Switching frequency and ultrasonic mode selection. A 1% pull-down resistor is
needed on MODE.
15
EN2
Enable. EN1 and EN2 are digital inputs which are used to enable or disable the
internal regulators. Once EN1 = EN2 = 1, the VDDQ regulator, VTT LDO, and VTTREF
output are turned on. When EN1 = 0 and EN2 = 1, all the regulators are on except VTT
LDO. All regulators are turned off when EN2 = 0 or EN1 = EN2 = 0. Do not float EN1 at
any time. If the VTT LDO function is not used, tie EN1 to GND.
16
EN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com