Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 7Page - Monolithic Power Systems MP8719 Datasheet HTML 8Page - Monolithic Power Systems MP8719 Datasheet HTML 9Page - Monolithic Power Systems MP8719 Datasheet HTML 10Page - Monolithic Power Systems MP8719 Datasheet HTML 11Page - Monolithic Power Systems MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8719 Rev. 1.01
www.MonolithicPower.com
11
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
Pulse-Width Modulation (PWM) Operation
The MP8719 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter
with ±1A of LDO current. Constant-on-time
(COT) control provides fast transient response
and eases loop stabilization. At the beginning of
each cycle, the high-side MOSFET (HS-FET) is
turned on when the feedback voltage (VFB) is
below the reference voltage (VREF), which
indicates an insufficient output voltage. The on
period is determined by both the output voltage
and the input voltage to make the switching
frequency fairly constant over the input voltage
range.
After the on period elapses, the HS-FET is
turned off or enters an off state. The HS-FET is
turned on again when VFB drops below VREF. By
repeating operation this way, the converter
regulates the output voltage. The integrated
low-side MOSFET (LS-FET) is turned on when
the HS-FET is in its off state to minimize
conduction loss. A dead short occurs between
the input and GND if both the HS-FET and the
LS-FET are turned on at the same time. This is
called shoot-through. To prevent shoot-through,
a dead time (DT) is generated internally
between the HS-FET off and the LS-FET on
period or the LS-FET off and the HS-FET on
period.
Internal compensation is applied for COT
control for stable operation, even when ceramic
capacitors are used as output capacitors. This
internal
compensation
improves
jitter
performance without affecting the line or load
regulation.
Heavy-Load Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure
2). When VFB is below VREF, the HS-FET is
turned on for a fixed interval, which is
determined by the one-shot on timer. When the
HS-FET is turned off, the LS-FET is turned on
until the next period.
Figure 2: CCM Operation
In CCM operation, the switching frequency is
fairly constant (PWM mode).
Light-Load Operation
When the load decreases, the inductor current
decreases as well. Once the inductor current
reaches zero, the MP8719 transitions from
CCM to discontinuous conduction mode (DCM).
DCM operation is shown in Figure 3.
When VFB is below VREF, the HS-FET is turned
on for a fixed interval, which is determined by
the one-shot on timer. When the HS-FET is
turned off, the LS-FET is turned on until the
inductor
current
reaches
zero.
In
DCM
operation, the VFB does not reach VREF when
the inductor current is approaching zero. The
LS-FET driver turns into tri-state (Hi-Z) when
the inductor current reaches zero. A current
modulator takes over the control of the LS-FET
and limits the inductor current to less than -1mA.
Therefore, the output capacitors discharge
slowly to GND through the LS-FET. As a result,
efficiency during light-load condition is improved
greatly. The HS-FET does not turn on as
frequently during light-load condition as it does
during heavy-load condition (skip mode).
At a light-load or no-load condition, the output
drops very slowly, and the MP8719 reduces the
switching frequency naturally, achieving high
efficiency at light load.
Figure 3: DCM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com