Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 10Page - Monolithic Power Systems MP8719 Datasheet HTML 11Page - Monolithic Power Systems MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems MP8719 Datasheet HTML 17Page - Monolithic Power Systems MP8719 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
14
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
If the output is pre-biased to a certain voltage
during start-up, the IC disables the switching of
both the high-side and low-side switches until
the voltage on the internal reference exceeds
the sensed output voltage at the FB node.
Soft Shutdown
The
MP8719
employs
a
soft
shutdown
mechanism for DDR to ensure that VTTREF
and VTT follow exactly half of the VDDQ. When
EN2 is low, the internal reference then ramps
down gradually, so the output voltage falls
linearly (see Figure 8).
Figure 8: Soft Shutdown Sequence
VDDQ Over-Current Limit (OCL)
The MP8719 has cycle-by-cycle over-current
limiting control. The current-limit circuit employs
a valley current-sensing algorithm. The MP8719
uses the RDS(ON) of the LS-FET as a current-
sensing element. If the magnitude of the
current-sense signal is above the current-limit
threshold, the PWM is not allowed to initiate a
new cycle, even if FB is lower than REF (see
Figure 9).
Figure 9: Valley Current-Limit Control
Since the comparison is done during the LS-
FET on state, the OC trip level sets the valley
level of the inductor current. The maximum load
current at the over-current threshold (IOC) can
be calculated using Equation (2):
 inductor
OC
I
II _ limit
2
(2)
The over-current limit (OCL) limits the inductor
current and does not latch off. In an over-
current condition, the current to the load
exceeds the current to the output capacitor, so
the output voltage tends to fall off. Eventually,
the currents ends up crossing the under-voltage
protection (UVP) threshold and latches off.
Fault latching can be reset by EN going low or
cycling the power of VIN.
VTT/VTTREF Over-Current Protection (OCP)
The VTT LDO has an internal, non-latched,
fixed current limit of 1.5A for both sink and
source operation. Once the current limit is
reached, the gate of the sink/source MOSFET
is adjusted to limit the current. VTTREF also
has an internal non-latch 15mA current limit.
VDDQ Over/Under-Voltage Protection (OVP,
UVP)
The MP8719 monitors a resistor divided
feedback voltage to detect over and under
voltage. When the feedback voltage rises
higher than 130% of the target voltage, the
OVP comparator output goes high, the circuit
latches as the HS-FET turns off, and the LS-
FET turns on, acting as a -2A current source.
To protect the MP8719 from damage, there is
an absolute 3.6V OVP on VOUT. Once VOUT
reaches this value, it latches off as well. The
LS-FET behaves the same as it does at 130%
OVP.
When the feedback voltage drops below 75% of
VREF, but remains higher than 50% of VREF, the
UVP-1 comparator output goes high, and the
MP8719 latches if VFB remains in this range for
about 30µs (latching the HS-FET off and the
LS-FET on). The LS-FET remains on until the
inductor current reaches zero. During this
period, the valley current limit helps control the
inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com