Electronic Components Datasheet Search
  English  ▼

X  

MP8719 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems MP8719 Datasheet HTML 17Page - Monolithic Power Systems MP8719 Datasheet HTML 18Page - Monolithic Power Systems MP8719 Datasheet HTML 19Page - Monolithic Power Systems MP8719 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8719 Rev. 1.01
www.MonolithicPower.com
16
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage with No External
Ramp
The
MP8719
does
not
need
ramp
compensation for applications where POSCAP
or ceramic capacitors are set as output
capacitors (when VIN is over 6V), so external
compensation is not needed. The output
voltage is then set by feedback resistors R1
and R2 (see Figure 11).
R1
R2
CAP
SW
FB
Vo
L
C4
Figure 11: Simplified Circuit without External
Ramp
First, choose a value for R2. R2 should be
chosen reasonably. A small value for R2 leads
to considerable quiescent current loss, but an
R2 value that is too large makes FB noise-
sensitive. It is recommended to choose a value
within 5 - 50kΩ for R2. Use a comparatively
larger value for R2 when VOUT is low; use a
smaller value for R2 when VOUT is high.
Considering the output ripple, determine R1
with Equation (3):
2
1
R
V
V
V
R
REF
REF
OUT
(3)
C4 acts as a feed-forward capacitor to improve
the transient and can be set in the range of
0 - 1000pF. A larger value for C4 leads to better
transient, but it is more noise sensitive.
Reserve room for a noise filter resistor (R9)
(see Figure 12).
Setting the Output Voltage with External
Compensation
If the system is not stable enough or there is
too much jitter when a ceramic capacitor is
used on the output (i.e.: with a ceramic COUT
and VIN is 5V or lower), an external voltage
ramp should be added to FB through resistor
R4 and capacitor C4. Since there is already an
internal ramp added in the system, a 1MΩ (R4)
220pF (C4) ramp should suffice.
Figure 12: Simplified Circuit with External Ramp
Besides the R1 and R2 divider, the output
voltage is influenced by R4 (see Figure 12). R2
should be chosen reasonably. A small value for
R2 leads to considerable quiescent current loss,
but a value for R2 that is too large makes FB
noise sensitive. It is recommended to choose a
value within 5 - 50kΩ for R2. Use a
comparatively larger value for R2 when VOUT is
low; use a smaller value for R2 when VOUT is
high. The value of R1 then is determined with
Equation (4):
2
1
4
2
1
R
R
R
V
V
V
R
REF
OUT
REF
(4)
To get a pole for better noise immunity, set R9
with Equation (5):
9
4SW
1
R
2C
2F

(5)
Set R9 in the range of 100Ω to 1kΩ to reduce
its influence on the ramp.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. For the best performance, use ceramic
capacitors placed as close to VIN as possible.
Capacitors
with
X5R
and
X7R
ceramic
dielectrics are recommended because they are
fairly stable with temperature fluctuations.
The capacitors must have a ripple current rating
greater than the maximum input ripple current
of the converter. The input ripple current can be
estimated with Equation (6):
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com