Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 12Page - Monolithic Power Systems MP8867GLE Datasheet HTML 13Page - Monolithic Power Systems MP8867GLE Datasheet HTML 14Page - Monolithic Power Systems MP8867GLE Datasheet HTML 15Page - Monolithic Power Systems MP8867GLE Datasheet HTML 16Page - Monolithic Power Systems MP8867GLE Datasheet HTML 17Page - Monolithic Power Systems MP8867GLE Datasheet HTML 18Page - Monolithic Power Systems MP8867GLE Datasheet HTML 19Page - Monolithic Power Systems MP8867GLE Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
16
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
The PG bit in the I2C register has the same
indication as the external PG.
Output Over-Voltage Protection (OVP)
The MP8867 monitors both the FB and the VOUT
to detect an over-voltage event. When the
“V_BOOT” bit = 1, the internal comparator
monitors the FB while the “V_BOOT” bit = 0
monitors the VOUT. When the feedback voltage
rises above 120% of the internal reference
voltage, the controller enters linear discharge
mode. During this period, a 35Ω resistor
connected
between
VOUT
and
ground
discharges the output to keep it within the
normal range. Once the output voltage drops
below 105% of the reference, the controller
exits linear discharge mode.
Over-Current Protection and Hiccup Mode
The MP8867 has a cycle-by-cycle, over-current
limit. When the inductor current peak value
exceeds the set current limit threshold, The HS-
FET turns off, and the LS-FET turns on and
remains on until the inductor current falls below
the internal “valley” current limit threshold. The
“valley” current limit circuit is employed to
decrease the operation frequency after the
“peak” current limit threshold is triggered.
Meanwhile, the output voltage drops until VFB
(9)
is below the under-voltage (UV) threshold,
typically 30% below the reference. Once UV is
triggered, the MP8867 enters hiccup mode to
restart the part periodically. This protection
mode is especially useful when the output is
dead-shorted to ground. The average short-
circuit current is greatly reduced to alleviate
thermal issues and protect the regulator. The
MP8867 exits hiccup mode once the over-
current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 160°C, the entire chip shuts down.
When the temperature is less than its lower
threshold, typically 140°C, the chip is enabled
again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C5, L1, and C2 (see Figure 5). If VIN-
VSW exceeds 5V, U1 will regulate M1 to
maintain a 5V BST voltage across C5.
Figure 5: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN/SYNC exceed their
respective thresholds, the chip starts up. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides a stable supply for the remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to the shutdown command.
I2C Control and Default Output Voltage
When the MP8867 is enabled (EN=high and
VIN>UVLO), the chip starts up to an output
voltage set by the FB resistors with a
programmed soft-start time. The I2C bus can
then communicate with the master. If it doesn’t
receive a constant I2C communication signal,
the chip works through the FB feedback and
behaviors similarly to a traditional non-I2C part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com