Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 8Page - Monolithic Power Systems MP8867GLE Datasheet HTML 9Page - Monolithic Power Systems MP8867GLE Datasheet HTML 10Page - Monolithic Power Systems MP8867GLE Datasheet HTML 11Page - Monolithic Power Systems MP8867GLE Datasheet HTML 12Page - Monolithic Power Systems MP8867GLE Datasheet HTML 13Page - Monolithic Power Systems MP8867GLE Datasheet HTML 14Page - Monolithic Power Systems MP8867GLE Datasheet HTML 15Page - Monolithic Power Systems MP8867GLE Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
12
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN14
PIN#
Name
Description
1
BST
Bootstrap. Requires a capacitor between SW and BST to form a floating supply
across the high-side switch driver.
2
SW
Switch output. Connect using a wide PCB trace.
3
SCL
I
2C serial clock.
4
SDA
I
2C serial data.
5
EN/SYNC
EN/SYNC high to enable the MP8867. EN/SYNC has an internal 5.4µA pull-up
current of 5V, so the MP8867 can start up automatically when EN/SYNC is floating.
Apply an external clock to EN/SYNC to change the switching frequency.
6
A0
I
2C address set. Let A0 float or pull it to VCC to set one address. Pull A0 to ground to
set a different address.
7
PG
Power good indication. PG is an open-drain structure. PG switches low if the output
voltage is out of the regulation window. PG indicates UV conditions only.
8
PGND
System power ground. PGND is the reference ground of the regulated output voltage.
PGND requires special consideration during PCB layout. Connect to ground plane with
copper traces and vias.
9
VIN
Supply voltage. The MP8867 operates on a 4.5V to 17V input rail. VIN requires a
ceramic capacitor to decouple the input rail. Connect using a wide PCB trace.
10
VOUT
Sense input of the output voltage. Connect VOUT to the positive loading terminal.
11
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to
GND to set the output voltage in the FB control loop.
12
SS
Soft start. Connect a capacitor from SS to ground to set the soft-start time.
13
VCC
Internal LDO regulator output. Decouple with a 0.47µF capacitor.
14
AGND
Signal ground. AGND is not connected directly to system ground internally. Make
sure AGND connects to system ground in the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com