Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 19Page - Monolithic Power Systems MP8867GLE Datasheet HTML 20Page - Monolithic Power Systems MP8867GLE Datasheet HTML 21Page - Monolithic Power Systems MP8867GLE Datasheet HTML 22Page - Monolithic Power Systems MP8867GLE Datasheet HTML 23Page - Monolithic Power Systems MP8867GLE Datasheet HTML 24Page - Monolithic Power Systems MP8867GLE Datasheet HTML 25Page - Monolithic Power Systems MP8867GLE Datasheet HTML 26Page - Monolithic Power Systems MP8867GLE Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
24
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Design Example
Table 2 is a design example following the
application guidelines for the specifications
below:
Table 2: Design Example
VIN
12V
VOUT
1V
IO
8A
The detailed application schematics are shown
in Figure 13. The typical performance and
circuit waveforms are shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com