Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 14Page - Monolithic Power Systems MP8867GLE Datasheet HTML 15Page - Monolithic Power Systems MP8867GLE Datasheet HTML 16Page - Monolithic Power Systems MP8867GLE Datasheet HTML 17Page - Monolithic Power Systems MP8867GLE Datasheet HTML 18Page - Monolithic Power Systems MP8867GLE Datasheet HTML 19Page - Monolithic Power Systems MP8867GLE Datasheet HTML 20Page - Monolithic Power Systems MP8867GLE Datasheet HTML 21Page - Monolithic Power Systems MP8867GLE Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
18
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
I2C is a 2-wire bidirectional serial interface,
consisting of a data line (SDA) and a clock line
(SCL). The lines are pulled externally to a bus
voltage when they are “idle.” A master device
connects to the line, generates the SCL signal
and
device
address,
and
arranges
the
communication
sequence.
The
MP8867
interface is an I2C slave. The I2C interface adds
flexibility to the power supply solution. The
output voltage, transition slew rate, or other
interesting
parameters
can
be
controlled
instantaneously by the I2C interface. The default
I2C address of the MP8867 is “62” (HEX) or
“1100010” (BINARY), and “6A” (HEX) or
“1101010” (BINARY) if A0 is pulled to ground.
Data Validity
One clock pulse is generated for each data bit
transferred. The data on the SDA line must be
stable during the high period of the clock. The
high or low state of the data line can only
change when the clock signal on the SCL line is
low (see Figure 6).
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Figure 6: Bit Transfer on the I
2C Bus
Start and stop are signaled by the master
device, which signifies the beginning and the
end of the I2C transfer. The start condition is
defined as the SDA signal transitioning from
high to low while the SCL is high. The stop
condition is defined as the SDA signal
transitioning from low to high while the SCL is
high (see Figure 7).
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Figure 7: Start and Stop Conditions
Start and stop conditions are always generated
by the master. The bus is considered busy after
the start condition. The bus is considered free
again after a minimum of 4.7µs after the stop
condition. The bus stays busy if a repeated start
(Sr) is generated instead of a stop condition.
The start (S) and repeated start (Sr) conditions
are functionally identical.
Transfer Data
Every byte put on the SDA line must be 8 bits
long. Each byte has to be followed by an
acknowledge bit. The acknowledge-related
clock pulse is generated by the master. The
transmitter releases the SDA line (high) during
the acknowledge clock pulse. The receiver
must pull down the SDA line during the
acknowledge clock pulse, so that it remains at a
stable low during the high period of this clock
pulse.
Data transfers follow the format shown in Figure
8. A slave address is sent after the start
condition (S). This address is 7 bits long,
followed by an eighth bit, which is a data
direction bit (R/W). A zero indicates a
transmission (write), and a one indicates a
request for data (read). A data transfer is
always terminated by a stop condition (P)
generated by a master. However, if a master
still wishes to communicate on the bus, it can
generate a repeated start condition (Sr) and
address another slave without first generating a
stop condition.
S
1 7
8
9
1 7
8
9
1 7
8
9
P
STOP
condition
START
condition
DATA
ACK
DATA
ACK
ADDRESS
ACK
R/W
SDA
SCL
Figure 8: A Complete Data Transfer
The MP8867 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. The MP8867
acknowledges the receipt of each byte by
pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address
selects the MP8867, which performs an update
on the falling edge of the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com