Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8867GLE Datasheet HTML 1Page - Monolithic Power Systems MP8867GLE Datasheet HTML 2Page - Monolithic Power Systems MP8867GLE Datasheet HTML 3Page - Monolithic Power Systems MP8867GLE Datasheet HTML 4Page - Monolithic Power Systems MP8867GLE Datasheet HTML 5Page - Monolithic Power Systems MP8867GLE Datasheet HTML 6Page - Monolithic Power Systems MP8867GLE Datasheet HTML 7Page - Monolithic Power Systems MP8867GLE Datasheet HTML 8Page - Monolithic Power Systems MP8867GLE Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
3
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN …………………………….. ........-0.3V to 19V
VSW…………………………………
-0.3V (-6V for <10ns) to 20V (24V for <10ns)
VBST…………………………………. ..... VSW+5.5V
All other pins………………......... -0.3V to 5.5V (2)
Continuous power dissipation….(TA = +25°C)
(3)
QFN-14 3x4mm...……………………...……2.6W
Junction temperature…………………..….150°C
Lead temperature…………………..………260°C
Storage temperature………….…-65°C to 150°C
Recommended Operating Conditions
(4)
Supply voltage (VIN)..………………..4.5V to 17V
Output voltage (VOUT) ………………………0.6V
to VIN x DMAX or 5.5V
(5)
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-14 (3x4mm) .…….. ……..48 ..... 11... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) For details on EN/SYNC’s ABS MAX rating, please refer to
the EN/SYNC control section on page 15,.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will produce an excessive die temperature,
causing the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from
permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) The output voltage cannot exceed the 5.5V absolute
maximum value at any input condition.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com