Electronic Components Datasheet Search
  English  ▼

X  

MP8867GLE Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8867GLE Datasheet HTML 4Page - Monolithic Power Systems MP8867GLE Datasheet HTML 5Page - Monolithic Power Systems MP8867GLE Datasheet HTML 6Page - Monolithic Power Systems MP8867GLE Datasheet HTML 7Page - Monolithic Power Systems MP8867GLE Datasheet HTML 8Page - Monolithic Power Systems MP8867GLE Datasheet HTML 9Page - Monolithic Power Systems MP8867GLE Datasheet HTML 10Page - Monolithic Power Systems MP8867GLE Datasheet HTML 11Page - Monolithic Power Systems MP8867GLE Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
8
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1V, L = 1.5µH, TA = 25°C, unless otherwise noted.
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
-40 -20 0 20 40 60 80 100 120
300
350
400
450
500
550
600
650
700
4.5 6 7.5 9 10.5 12 13.5 15 16.5
4.5 6 7.5 9 10.5 12 13.5 15 16.5
4
5
6
7
8
9
10
11
12
13
14
15
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
400
420
440
460
480
500
520
540
560
8
9
10
11
12
13
14
15
16
10
20
30
40
50
60
70
-40 -20
0 20 40 60 80 100 120125
-40 -20 0 20 40 60 80 100 120125
-40 -20 0 20 40 60 80 100 120125
-40 -20 0 20 40 60 80 100 120125
582
586
590
594
598
602
606
610
614
618
9
9.5
10
10.5
11
11.5
12
12.5
13
13.5
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com