Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 13Page - Monolithic Power Systems MP3910 Datasheet HTML 14Page - Monolithic Power Systems MP3910 Datasheet HTML 15Page - Monolithic Power Systems MP3910 Datasheet HTML 16Page - Monolithic Power Systems MP3910 Datasheet HTML 17Page - Monolithic Power Systems MP3910 Datasheet HTML 18Page - Monolithic Power Systems MP3910 Datasheet HTML 19Page - Monolithic Power Systems MP3910 Datasheet HTML 20Page - Monolithic Power Systems MP3910 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
17
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
IN
OUT
IN
OUT
SW
V(V
V )
L
VF
I

 
OUT
LOAD
IN
IN
VI
I
V

IN
I(30% 50%) I

Where ILOAD is the load current, ΔI is the peak-
to-peak inductor ripple current and η is the
efficiency. For a typical design, boost converter
efficiency can reach 85%~95%.
The switch current is usually used for the peak
current mode control. In order to avoid hitting
the current limit, the voltage across the sensing
resistor RSENSE should be less than 80% of the
worst case current limit voltage, 185mV.
SENSE
L(PEAK )
0.8 0.185
R
I
Where IL(PEAK) is the peak value of the inductor
current.
Selecting the Power MOSFET
The MP3910 is capable of driving a wide variety
of N-Channel power MOSFETS. The critical
parameters of selecting a MOSFET are:
1. Maximum drain to source voltage, VDS(MAX)
2. Maximum current, ID(MAX)
3. On-resistance, RDS(ON)
4. Gate source charge QGS and gate drain
charge QGD
5. Total gate charge, QG
6. Turn on threshold VTH
Ideally, the off-state voltage across the
MOSFET is equal to boost output voltage.
Considering the voltage spike when it turns off,
VDS(MAX) should be greater than 1.5 times of the
output voltage.
The maximum current through the power
MOSFET happens when the input voltage is
minimum and the output power is maximum.
The maximum RMS current through the
MOSFET is given by:
OUT
IN
RMS
IN
OUT
VV
II
V

The current rating of the MOSFET should be
greater than 1.5 times IRMS,
The on resistance of the MOSFET determines
the conduction loss, which is given by:
2
LOSS
RMS
DS(ON)
PI
R
K

Where K is the on-resistance temperature
coefficient of the MOSFET. So it is smaller, it is
better.
The switching loss is related to QGD and QGS1
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the chart of VGS vs.
QG of the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are needed to estimate the turn on
and turn off loss.
GS1
G
GD
G
SW
DS
IN
SW
DS
IN
SW
DR
TH
DR
PLT
QR
Q
R
PV
I
F
V
I
F
VV
VV




Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, VDS
is the drain-source voltage. Please note that the
switching loss is the most difficult part in the
loss estimation. The formula above provides a
simple physical expression.
On the other hand, small QG will cause fast turn
on/off speed which determines the spike and
kick.
The turn on threshold voltage VTH is also
important. GATE pin is powered by VCC power,
so the VTH must be lower than VCC voltage. For
worst case, VCC voltage is at the 3.55V falling
UVLO, so the MOSFET VTH should be much
lower than this voltage to get enough driving
capability.
Selecting the Diode
The boost output rectifier diode supplies current
to the inductor when the MOSFET is off. Use a
Schottky diode to reduce losses due to the
diode forward voltage and recovery time. The
diode should be rated for a reverse voltage
greater than the expected output voltage. The
average current rating must exceed the
maximum expected load current, and the peak
current rating must exceed the peak inductor
current.
Boost Converter Compensation Design
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are FP1, which is set by the output
capacitor (COUT) and load resistance, and FP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com