Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3910 Datasheet HTML 1Page - Monolithic Power Systems MP3910 Datasheet HTML 2Page - Monolithic Power Systems MP3910 Datasheet HTML 3Page - Monolithic Power Systems MP3910 Datasheet HTML 4Page - Monolithic Power Systems MP3910 Datasheet HTML 5Page - Monolithic Power Systems MP3910 Datasheet HTML 6Page - Monolithic Power Systems MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
4
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(continued)
VIN = 18V, TJ= -40°C to 125°C (typical value are tested at 25°C), unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Voltage Feedback Management
Mode Detection Voltage
(7)
185
mV
Mode Detection Current
(7)
55
μA
Mode Detection Time
(7)
50
μs
TJ=25°C
1.222
1.237
1.252
V
FB Reference Voltage
VFB
TJ=-40°C to 125°C
1.211
1.237
1.258
V
FB Bias Current
IFB
VFB=1.237V, TJ= 25°C
0.01
0.15
μA
OVP Reference Level
VOVP
1.391
1.438
1.479
V
COMP Pull up Resistor
14.4
kΩ
COMP Pull up Voltage
(7)
3.6
V
Enable Control
Enable Rising Threshold
VEN-RISING
TJ=25°C
1.463
1.628
1.793
V
Enable Hysteresis
VEN-HYS
540
mV
Enable Turn-off Delay
TTD-OFF
20
μs
Enable Input Current
IEN
VEN=3V
2.5
5
μA
Thermal Protection
Thermal Shutdown
(7)
TSD
160
ºC
Thermal Hysteresis
(7)
20
ºC
Notes:
7) Guaranteed by engineering sample characterization.
8) Refer to “soft-start section” for detail function of discharge current and threshold voltage.
9) Same as Minimum On Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com